Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF401C Datasheet(PDF) 2 Page - Microchip Technology

Part # SST39VF401C
Description  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C Datasheet(HTML) 2 Page - Microchip Technology

  SST39VF401C Datasheet HTML 1Page - Microchip Technology SST39VF401C Datasheet HTML 2Page - Microchip Technology SST39VF401C Datasheet HTML 3Page - Microchip Technology SST39VF401C Datasheet HTML 4Page - Microchip Technology SST39VF401C Datasheet HTML 5Page - Microchip Technology SST39VF401C Datasheet HTML 6Page - Microchip Technology SST39VF401C Datasheet HTML 7Page - Microchip Technology SST39VF401C Datasheet HTML 8Page - Microchip Technology SST39VF401C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
2
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Data Sheet
Product Description
The SST39VF401C/402C and SST39LF401C/402C devices are 256K x16 CMOS Multi-Purpose Flash
Plus (MPF+) manufactured with proprietary, high performance CMOS SuperFlash technology. The
split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability
compared with alternate approaches. SST39LF401C/402C write (Program or Erase) with a 3.0-3.6V
power supply. SST39VF401C/402C write with a 2.7-3.6V power supply. These devices conform to
JEDEC standard pinouts for x16 memories.
Featuring high performance Word-Program, the SST39VF401C/402C and SST39LF401C/402C
devices provide a typical Word-Program time of 7 µsec. These devices use Toggle Bit, Data# Polling,
or the RY/BY# pin to indicate the completion of Program operation. To protect against inadvertent
write, they have on-chip hardware and Software Data Protection schemes. Designed, manufactured,
and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical
endurance of 100,000 cycles. Data retention is rated at greater than 100 years.
The SST39VF401C/402C and SST39LF401C/402C devices are suited for applications that require
convenient and economical updating of program, configuration, or data memory. For all system appli-
cations, they significantly improve performance and reliability, while lowering power consumption. They
inherently use less energy during Erase and Program than alternative flash technologies. The total
energy consumed is a function of the applied voltage, current, and time of application. Since for any
given voltage range, the SuperFlash technology uses less current to program and has a shorter erase
time, the total energy consumed during any Erase or Program operation is less than alternative flash
technologies. These devices also improve flexibility while lowering the cost for program, data, and con-
figuration storage applications.
The SuperFlash technology provides fixed Erase and Program times, independent of the number of
Erase/Program cycles that have occurred. Therefore the system software or hardware does not have
to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Pro-
gram times increase with accumulated Erase/Program cycles.
To meet high density, surface mount requirements, the SST39VF401C/402C and SST39LF401C/402C
are offered in 48-lead TSOP, 48-ball TFBGA, and 48-ball WFBGA packages. See Figures 2, 3, and 4
for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com