Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF401C Datasheet(PDF) 1 Page - Microchip Technology

Part # SST39VF401C
Description  4 Mbit (x16) Multi-Purpose Flash Plus
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF401C Datasheet(HTML) 1 Page - Microchip Technology

  SST39VF401C Datasheet HTML 1Page - Microchip Technology SST39VF401C Datasheet HTML 2Page - Microchip Technology SST39VF401C Datasheet HTML 3Page - Microchip Technology SST39VF401C Datasheet HTML 4Page - Microchip Technology SST39VF401C Datasheet HTML 5Page - Microchip Technology SST39VF401C Datasheet HTML 6Page - Microchip Technology SST39VF401C Datasheet HTML 7Page - Microchip Technology SST39VF401C Datasheet HTML 8Page - Microchip Technology SST39VF401C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005053B
04/14
Data Sheet
www.microchip.com
4 Mbit (x16) Multi-Purpose Flash Plus
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C
Features
• Organized as 256K x16
• Single Voltage Read and Write Operations
– 2.7-3.6V for SST39VF401C/402C
– 3.0-3.6V for SST39LF401C/402C
• Superior Reliability
– Endurance: 100,000 Cycles (Typical)
– Greater than 100 years Data Retention
• Low Power Consumption (typical values at 5 MHz)
– Active Current: 5 mA (typical)
– Standby Current: 3 µA (typical)
– Auto Low Power Mode: 3 µA (typical)
• Hardware Block-Protection/WP# Input Pin
– Top Block-Protection (top 8 KWord)
– Bottom Block-Protection (bottom 8 KWord)
• Sector-Erase Capability
– Uniform 2 KWord sectors
• Block-Erase Capability
– Flexible block architecture; one 8-, two 4-, one 16-, and
seven 32-KWord blocks
• Chip-Erase Capability
• Erase-Suspend/Erase-Resume Capabilities
• Hardware Reset Pin (RST#)
• Latched Address and Data
• Security-ID Feature
– 128 bits; User: 128 words
• Fast Read Access Time:
– 70 ns for SST39VF401C/402C
– 55 ns for SST39LF401C/402C
• Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
– Word-Program Time: 7 µs (typical)
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bits
– Data# Polling
– Ready/Busy# Pin
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (6mm x 8mm)
– 48-ball WFBGA (4mm x 6mm)
• All devices are RoHS compliant
SST39VF401C / SST39VF402C / SST39LF401C / SST39LF402C are 256K x16
CMOS Multi-Purpose Flash Plus (MPF+) manufactured with proprietary, high per-
formance CMOS SuperFlash® technology. The split-gate cell design and thick-
oxide tunneling injector attain better reliability and manufacturability compared
with alternate approaches. SST39LF401C/402C write (Program or Erase) with a
3.0-3.6V power supply. SST39VF401C/402C write with a 2.7-3.6V power supply.
These devices conforms to JEDEC standard pinouts for x16 memories.


Similar Part No. - SST39VF401C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF400A SST-SST39VF400A Datasheet
340Kb / 30P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
343Kb / 20P
2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39VF400A SST-SST39VF400A Datasheet
843Kb / 31P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF400A SST-SST39VF400A Datasheet
862Kb / 31P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39VF400A MICROCHIP-SST39VF400A Datasheet
4Mb / 37P
Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
More results

Similar Description - SST39VF401C

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF3201B-70-4I-EKE MICROCHIP-SST39VF3201B-70-4I-EKE Datasheet
904Kb / 29P
32 Mbit (x16) Multi-Purpose Flash Plus
1/09
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com