Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2241II-AEZG Datasheet(PDF) 33 Page - Microchip Technology

Part # USB2241II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2241II-AEZG Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB2241II-AEZG Datasheet HTML 29Page - Microchip Technology USB2241II-AEZG Datasheet HTML 30Page - Microchip Technology USB2241II-AEZG Datasheet HTML 31Page - Microchip Technology USB2241II-AEZG Datasheet HTML 32Page - Microchip Technology USB2241II-AEZG Datasheet HTML 33Page - Microchip Technology USB2241II-AEZG Datasheet HTML 34Page - Microchip Technology USB2241II-AEZG Datasheet HTML 35Page - Microchip Technology USB2241II-AEZG Datasheet HTML 36Page - Microchip Technology USB2241II-AEZG Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 33
USB224X
O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
VDD33
- 0.4
-10
0.4
+10
V
V
μA
IOL = 12 mA @
VDD33= 3.3 V
IOH = -12 mA @
VDD33= 3.3 V
VIN = 0 to VDD33
(Note 9-4)
I/O12, I/O12PU & I/O12PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
μA
μA
μA
IOL = 12 mA @
VDD33= 3.3 V
IOH = -12 mA @
VDD33= 3.3 V
VIN = 0 to VDD33
(Note 9-4)
IO-U
(Note 9-5)
I-R
(Note 9-6)
I/O200
Integrated Power FET for
CRD_PWR
High Output Current Mode
Low Output Current Mode
(Note 9-7)
On Resistance
(Note 9-7)
Output Voltage Rise Time
IOUT
IOUT
RDSON
tDSON
200
100
2.1
800
mA
mA
Ω
μs
VdropFET = 0.46 V
VdropFET = 0.23 V
IFET = 70 mA
CLOAD = 10 μF
Supply Current Unconfigured
ICCINIT
80
90
mA
Supply Current Active
Full Speed
High Speed
ICC
ICC
110
135
140
165
mA
mA
Supply Current Suspend
ICSBY
350
700
µA
Industrial Temperature Suspend
ICSBYI
350
900
µA
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com