Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2241II-AEZG Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2241II-AEZG
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2241II-AEZG Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2241II-AEZG Datasheet HTML 9Page - Microchip Technology USB2241II-AEZG Datasheet HTML 10Page - Microchip Technology USB2241II-AEZG Datasheet HTML 11Page - Microchip Technology USB2241II-AEZG Datasheet HTML 12Page - Microchip Technology USB2241II-AEZG Datasheet HTML 13Page - Microchip Technology USB2241II-AEZG Datasheet HTML 14Page - Microchip Technology USB2241II-AEZG Datasheet HTML 15Page - Microchip Technology USB2241II-AEZG Datasheet HTML 16Page - Microchip Technology USB2241II-AEZG Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 13
USB224X
6.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface. The pin descriptions are applied when using the internal default firmware and can be refer-
enced in Section 7.0, "Pin Configurations," on page 18. Please reference Section 2.0, "Acronyms," on page 4 for a list
of the acronyms used.
The “n” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage
level. When “n” is not present in the signal name, the signal is asserted at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signals. The term assert, or assertion, indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation, indicates that a signal is inac-
tive.
6.1
USB224x 36-Pin QFN Pin Descriptions
TABLE 6-1:
USB224X 36-PIN QFN PIN DESCRIPTIONS
Symbol
Buffer
Type
Description
xD-PICTURE CARD (xD) INTERFACE (APPLIES ONLY TO USB2240/USB2240I)
xD_D[7:0]
20
23
25
30
4
5
7
8
I/O12PD
xD Data
These bi-directional data signals have weak internal pull-
down resistors.
xD_nWP
9
O12PD
xD Write Protect
This pin is an active low write protect signal for the xD
device and has a weak pull-down resistor that is
permanently enabled.
xD_ALE
10
O12PD
xD Address Strobe
This pin is an active high Address Latch Enable signal for
the xD device and has a weak pull-down resistor that is
permanently enabled.
xD_CLE
11
O12PD
xD Command Strobe
This pin is an active high Command Latch Enable signal
for the xD device and has a weak pull-down resistor that
is permanently enabled.
xD_nRE
16
O12PU
xD Read Enable
This pin is an active low read strobe signal for the xD
device.
When using the internal FET, this pin has a weak internal
pull-up resistor that is tied to the output of the internal
power FET.
If an external FET is used (Internal FET is disabled), then
the internal pull-up is not available (external pull-ups must
be used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com