Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL130-07SC Datasheet(PDF) 1 Page - Microchip Technology

Part # PL130-07SC
Description  High Speed Translator Buffer to LVCMOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL130-07SC Datasheet(HTML) 1 Page - Microchip Technology

  PL130-07SC Datasheet HTML 1Page - Microchip Technology PL130-07SC Datasheet HTML 2Page - Microchip Technology PL130-07SC Datasheet HTML 3Page - Microchip Technology PL130-07SC Datasheet HTML 4Page - Microchip Technology PL130-07SC Datasheet HTML 5Page - Microchip Technology PL130-07SC Datasheet HTML 6Page - Microchip Technology PL130-07SC Datasheet HTML 7Page - Microchip Technology PL130-07SC Datasheet HTML 8Page - Microchip Technology PL130-07SC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005598A-page 1
PL130-07
Features
• LVCMOS Output
• Selectable Drive Capability
- Drive 15 pF or 30 pF Output Load
• Single AC-Coupled Input (Min. 100 mV Swing)
• Accepts LVCMOS or Sine Wave Inputs
• Input Range from 10 MHz to 200 MHz
• OE High (PL130-07) or OE Low (PL130-07A)
Enable
• 2.5V to 3.3V Operation
• Available in 8-Pin SOIC, 8-Pin TSSOP and 3 mm
x 3 mm 16-Pin QFN
General Description
The PL130-07 is a low cost, high performance, high
speed, buffer that reproduces any input frequency from
10 MHz to 200 MHz. It provides an LVCMOS output
with 15 pF output load drive capability. Any input signal
with at least 100 mV swing can be used as reference
signal. This chip is ideal for conversion from sine wave
to LVCMOS.
Block Diagram
PL130-07
INPUT
AMPLIFIER
CLK_IN
CLK_OUT
OE
High Speed Translator Buffer to LVCMOS


Similar Part No. - PL130-07SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PL130Z STMICROELECTRONICS-PL130Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL130-07SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
High Speed Translator Buffer to PECL
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
logo
Integrated Circuit Syst...
ICS830-23I ICST-ICS830-23I Datasheet
158Kb / 12P
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
logo
Integrated Device Techn...
83023I IDT-83023I Datasheet
129Kb / 13P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
logo
Renesas Technology Corp
83023I RENESAS-83023I Datasheet
323Kb / 14P
Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
December 14, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com