Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3089 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3089
Description  LM3089 FM Receiver IF System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3089 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3089 Datasheet HTML 1Page - National Semiconductor (TI) LM3089 Datasheet HTML 2Page - National Semiconductor (TI) LM3089 Datasheet HTML 3Page - National Semiconductor (TI) LM3089 Datasheet HTML 4Page - National Semiconductor (TI) LM3089 Datasheet HTML 5Page - National Semiconductor (TI) LM3089 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Performance Characteristics
Supply Voltage (V11)
Supply Current (I11)vs
Meter Output vs Supply Voltage
Reference Voltage AGC and
vs IF Input Signal
Mute Control Output (Pin 12)
TLH7149 – 5
Typical Audio Attenuation
(Pin 6) vs Mute Input
Voltage (Pin 5)
TLH7149 – 6
DC Test Circuit
TLH7149 – 7
AC Test Circuit
KAC-K2318HM
TLH7149 – 8
For single tuned dectector coil
LO tunes with 100 pF at 107 MHz
QUL (unloaded) j 75
QL (loaded) j 13 for V9 j 150 mVrms
For double tuned detector coil
QULPRI e QULSEC j 75
kQ j 07 for V9 j 150 mVrms
Note
The recovered audio output voltage will be approximately 05 dB less when
using the double tuned detector coil
For proper operation of the mute circuit the RF voltage at pin 9 should be
150 mVrms g30 mV
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com