Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3089 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3089
Description  LM3089 FM Receiver IF System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3089 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3089 Datasheet HTML 1Page - National Semiconductor (TI) LM3089 Datasheet HTML 2Page - National Semiconductor (TI) LM3089 Datasheet HTML 3Page - National Semiconductor (TI) LM3089 Datasheet HTML 4Page - National Semiconductor (TI) LM3089 Datasheet HTML 5Page - National Semiconductor (TI) LM3089 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7149
September 1992
LM3089 FM Receiver IF System
General Description
The LM3089 has been designed to provide all the major
functions required for modern FM IF designs of automotive
high-fidelity and communications receivers
Features
Y
Three stage IF amplifierlimiter provides 12 mV (typ)
b
3 dB limiting sensitivity
Y
Balanced product detector and audio amplifier provide
400 mV (typ) of recovered audio with distortion as low
as 01% with proper external coil designs
Y
Four internal carrier level detectors provide delayed
AGC signal to tuner IF level meter drive current and in-
terchannel mute control
Y
AFC amplifier provides AFC current for tuner andor
center tuning meters
Y
Improved operating and temperature performance es-
pecially when using high Q quadrature coils in narrow
band FM communications receivers
Y
No mute circuit latchup problems
Y
A direct replacement for CA3089E
Connection Diagram
Dual-In-Line Package
TLH7149 – 2
Top View
Order Number LM3089N
See NS Package Number N16E
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM3089

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM308 NSC-LM308 Datasheet
158Kb / 8P
Operational Amplifiers
logo
Linear Technology
LM308 LINER-LM308 Datasheet
451Kb / 8P
Operational Amplifiers?
logo
Intersil Corporation
LM308 INTERSIL-LM308 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
National Semiconductor ...
LM308 NSC-LM308 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Linear Technology
LM308 LINER-LM308 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
More results

Similar Description - LM3089

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
Integrated Circuit IF System for FM Receiver
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
FM IF SYSTEM
logo
Samsung semiconductor
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
FM IF RECEIVER
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
FM IF System
May 1999
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
FM IF SYSTEM
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
FM IF RECEIVER
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
FM IF RECEIVER
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com