Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7350 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV7350
Description  8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7350 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV7350 Datasheet HTML 5Page - Microchip Technology HV7350 Datasheet HTML 6Page - Microchip Technology HV7350 Datasheet HTML 7Page - Microchip Technology HV7350 Datasheet HTML 8Page - Microchip Technology HV7350 Datasheet HTML 9Page - Microchip Technology HV7350 Datasheet HTML 10Page - Microchip Technology HV7350 Datasheet HTML 11Page - Microchip Technology HV7350 Datasheet HTML 12Page - Microchip Technology HV7350 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005627A-page 9
HV7350
3.0
FUNCTIONAL DESCRIPTION
Follow the steps below to power up and power down
the HV7350:
POWER-UP AND POWER-DOWN SEQUENCE (Note 1)
Power-Up
Power-Down
Step
Description
Step
Description
1
VLL with logic signal low
1
All logic signals go to low
2
VDD
2
VPP and VNN
3
REN = 1 (external supplies on)
3
REN = 0 (external supplies off)
4
VPP and VNN
4
VDD
5
Logic control signals active
5
VLL
Note 1: Powering up or down in any arbitrary sequence will not damage the device. The power-up sequence and
power-down sequence are only recommended to minimize possible inrush current.
OUTPUT CURRENT AND RON (Note 1, Note 4)
ISC 2
RonP
RonN
IDMP 3
RonDP
RonDN
1.5A
13Ω
6.5Ω
1.5A
13Ω
8Ω
Note 1: VPP/VNN = +/-60V; VDD = +3.3V; REN = 1
2: ISC is current into 1Ω to GND.
3: IDMP is current from +/–30V connected to TX pin.
4: Maximum pulse width for current measurement on TX pin is 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com