Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7350 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV7350
Description  8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7350 Datasheet(HTML) 2 Page - Microchip Technology

  HV7350 Datasheet HTML 1Page - Microchip Technology HV7350 Datasheet HTML 2Page - Microchip Technology HV7350 Datasheet HTML 3Page - Microchip Technology HV7350 Datasheet HTML 4Page - Microchip Technology HV7350 Datasheet HTML 5Page - Microchip Technology HV7350 Datasheet HTML 6Page - Microchip Technology HV7350 Datasheet HTML 7Page - Microchip Technology HV7350 Datasheet HTML 8Page - Microchip Technology HV7350 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
HV7350
DS20005627A-page 2
 2016 Microchip Technology Inc.
Typical Application Circuit
CPF
VDD
+3.3V
3.3V Logic
RGND
HV
OUT1
X1
VPP
+10 to +60V
-10 to -60V
P-Driver
N-Driver
1 of 8 Channels
Logic
&
Level
Translator
-5.0V
RGND
RGND
DMP
1.0µF
VPF
VNF
Rb
LRP
CPOS
GND
GND
SUB
REN
OEN
PIN1
NIN1
PIN8
NIN8
CLK
DAP
LRP
GND
LRN
GND
VNF
VPF
LRN
GND
GND
CNEG
CNF
VNN
+5.0V
-5.0V
1.0µF
1.0µF
1.0µF
1.0µF
TX1
1.0µF
1.0µF
VLL
+3.3V
0.1µF
+5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com