Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5891YWM Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5891YWM
Description  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891YWM Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5891YWM Datasheet HTML 2Page - Microchip Technology MIC5891YWM Datasheet HTML 3Page - Microchip Technology MIC5891YWM Datasheet HTML 4Page - Microchip Technology MIC5891YWM Datasheet HTML 5Page - Microchip Technology MIC5891YWM Datasheet HTML 6Page - Microchip Technology MIC5891YWM Datasheet HTML 7Page - Microchip Technology MIC5891YWM Datasheet HTML 8Page - Microchip Technology MIC5891YWM Datasheet HTML 9Page - Microchip Technology MIC5891YWM Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MIC5891
DS20005638A-page 6
 2016 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Allowable Package Power
Dissipation vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
PDIP
JA = 60°C/W
CerDIP
JA = 90°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com