Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5891YWM Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5891YWM
Description  8-Bit Serial-Input Latched Source Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5891YWM Datasheet(HTML) 1 Page - Microchip Technology

  MIC5891YWM Datasheet HTML 1Page - Microchip Technology MIC5891YWM Datasheet HTML 2Page - Microchip Technology MIC5891YWM Datasheet HTML 3Page - Microchip Technology MIC5891YWM Datasheet HTML 4Page - Microchip Technology MIC5891YWM Datasheet HTML 5Page - Microchip Technology MIC5891YWM Datasheet HTML 6Page - Microchip Technology MIC5891YWM Datasheet HTML 7Page - Microchip Technology MIC5891YWM Datasheet HTML 8Page - Microchip Technology MIC5891YWM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005638A-page 1
MIC5891
Features
• High-Voltage, High-Current Outputs
• Output Transient Protection Diodes
• CMOS-, PMOS-, NMOS-, and TTL-Compatible
Inputs
• 5 MHz Typical Data Input Rate
• Low-Power CMOS Latches
Applications
• Alphanumeric and Bar Graph Displays
• LED and Incandescent Displays
• Relay and Solenoid Drivers
• Other High-Power Loads
Package Type
General Description
The MIC5891 latched driver is a high-voltage,
high-current integrated circuit comprised of eight
CMOS data latches, CMOS control circuitry for the
common STROBE and OUTPUT ENABLE, and bipolar
Darlington transistor drivers for each latch.
Bipolar/MOS construction provides extremely low
power latches with maximum interface flexibility.
The MIC5891 will typically operate at 5 MHz with a 5V
logic supply.
The CMOS inputs are compatible with standard
CMOS, PMOS, and NMOS logic levels. TTL circuits
may be used with appropriate pull-up resistors to
ensure a proper logic-high input.
A CMOS serial data output allows additional drivers to
be cascaded when more than 8 bits are required.
The
MIC5891
has
open-emitter
outputs
with
suppression diodes for protection against inductive
load transients. The output transistors are capable of
sourcing 500 mA and will sustain at least 35V in the
on-state.
Simultaneous operation of all drivers at maximum rated
current requires a reduction in duty cycle due to
package power limitations. Outputs may be paralleled
for higher load current capability.
The MIC5891 is available in a 16-pin plastic DIP
package (N) and 16-pin wide SOIC package (WM).
STROBE 4
SERIAL
DATA IN 3
CLOCK 2
GROUND 1
OUT3 7
OUT2 6
OUT1 5
OUT4 8
LOAD SUPPLY
13
OUTPUT
ENABLE
14
LOGIC SUPPLY
15
SERIAL
DATA OUT
16
OUT6
10
OUT7
11
OUT8
12
OUT5
9
VBB
VDD
OE
SHIFT
REGISTER
LATCHES
MIC5891
16-PIN PDIP OR SOICW
8-Bit Serial-Input Latched Source Driver


Similar Part No. - MIC5891YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5891YWM MICREL-MIC5891YWM Datasheet
171Kb / 7P
8-Bit Serial-Input Latched Source Driver
More results

Similar Description - MIC5891YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891_06 Datasheet
168Kb / 7P
8-Bit Serial-Input Latched Source Driver
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
8-Bit Serial-Input Protected Latched Driver
MIC5891YN MICREL-MIC5891YN Datasheet
171Kb / 7P
8-Bit Serial-Input Latched Source Driver
logo
Allegro MicroSystems
A6810SLW-T ALLEGRO-A6810SLW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
logo
Micrel Semiconductor
MIC5891YWM MICREL-MIC5891YWM Datasheet
171Kb / 7P
8-Bit Serial-Input Latched Source Driver
logo
Allegro MicroSystems
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
A6810ELW-T ALLEGRO-A6810ELW-T Datasheet
337Kb / 9P
10-Bit Serial Input Latched Source Driver
logo
Micrel Semiconductor
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com