Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933 Datasheet(PDF) 7 Page - Microchip Technology

Part # AT9933
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT9933 Datasheet HTML 3Page - Microchip Technology AT9933 Datasheet HTML 4Page - Microchip Technology AT9933 Datasheet HTML 5Page - Microchip Technology AT9933 Datasheet HTML 6Page - Microchip Technology AT9933 Datasheet HTML 7Page - Microchip Technology AT9933 Datasheet HTML 8Page - Microchip Technology AT9933 Datasheet HTML 9Page - Microchip Technology AT9933 Datasheet HTML 10Page - Microchip Technology AT9933 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005597A-page 7
AT9933
3.0
DETAILED DESCRIPTION
3.1
Power Topology
The AT9933 is optimized to drive a Continuous
Conduction Mode (CCM) boost-buck DC/DC converter
topology commonly referred to as Ćuk converter.
(Refer to Typical Application Circuit.) This power
converter topology offers numerous advantages useful
for driving high-brightness light-emitting diodes (HB
LED). These advantages include step-up or step-down
voltage conversion ratio and low input and output
current ripple. The output load is decoupled from the
input voltage with a capacitor, making the driver
inherently failure-safe for the output load.
The AT9933 offers a simple and effective control
technique for a boost-buck LED driver. It uses two
Hysteretic mode controllers—one for the input and one
for the output. The outputs of these two hysteretic
comparators are ANDED and used to drive the external
FET. This control scheme gives accurate current
control and constant output current in the presence of
input voltage transients without the need for
complicated loop design.
3.2
Input Voltage Regulator
The AT9933 can be powered directly from its VIN pin
that can withstand a maximum voltage of up to 75V.
When a voltage is applied to the VIN pin, the AT9933
seeks to regulate a constant 7.5V (typical) at the VDD
pin. The regulator also has a built-in undervoltage
lockout which shuts off the IC when the voltage at the
VDD pin falls below the UVLO threshold.
The VDD pin must be bypassed by a low-ESR capacitor
(≥0.1 μF) to provide a low-impedance path for the high
frequency current of the output gate driver.
The input current drawn from the VIN pin is the sum of
the 1 mA current drawn by the internal circuit and the
current drawn by the gate driver, which in turn depends
on the switching frequency and the gate charge of the
external FET. Refer to Equation 3-1.
EQUATION 3-1:
IIN
1mA QG fS
+
=
In the above equation, fS is the switching frequency,
and QG is the gate charge of the external FET which
can be obtained from the data sheet of the FET.
3.3
Minimum Input Voltage at VIN Pin
The minimum input voltage at which the converter will
start and stop depends on the minimum voltage drop
required for the linear regulator. The internal linear
regulator will control the voltage at the VDD pin when
VIN is between 8V and 75V. However, when the VIN is
less than 8V, the converter will still function as long as
the VDD is greater than the undervoltage lockout. Thus,
under certain conditions, the converter will be able to
start at VIN voltages of less than 8V. The start/stop
voltages at the VIN pin can be determined using the
maximum voltage drop across the linear regulator as a
function of the current drawn. The data for ambient
temperatures 25ºC and 125ºC are shown in Figure 3-1
below:
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
5
6
7
I
IN (mA)
125OC
25OC
FIGURE 3-1:
Maximum Voltage Drop vs.
Input Current.
Assume an ambient temperature of 125°C. Provided
that the IC is driving a 15 nC gate charge FET at
300 kHz, the total input current is estimated to be
5.5 mA (using Equation 3-1). At this input current, the
maximum voltage drop from Figure 3-1 can be
approximately estimated to be VDROP = 2.7V. However,
before the IC starts switching, the current drawn will be
1 mA. At this current level, the voltage drop is
approximately VDROP1 = 0.5V. Thus, the start/stop VIN
voltages can be computed as shown in Equation 3-2
and Equation 3-3:
EQUATION 3-2:
VIN START
–
UVLOMAX VDROP1
+
=
6.95V 0.5V
+
=
7.45V
=
EQUATION 3-3:
VIN STOP
–
UVLOMAX UVLO VDROP
+
–
=
6.95V 0.5V
–2.7V
+
=
9.15V
=
Note:
Since the gate driver draws too much cur-
rent in this situation, VIN-START is less than
VIN-STOP. The control IC will oscillate
between on and off if the input voltage is
between the start and stop voltages. In
these circumstances, it is recommended
that the input voltage be kept higher than
VIN-STOP. The IC will operate normally if
the input voltage is kept higher than 9.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com