Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT9933 Datasheet(PDF) 8 Page - Microchip Technology

Part # AT9933
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT9933 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AT9933 Datasheet HTML 4Page - Microchip Technology AT9933 Datasheet HTML 5Page - Microchip Technology AT9933 Datasheet HTML 6Page - Microchip Technology AT9933 Datasheet HTML 7Page - Microchip Technology AT9933 Datasheet HTML 8Page - Microchip Technology AT9933 Datasheet HTML 9Page - Microchip Technology AT9933 Datasheet HTML 10Page - Microchip Technology AT9933 Datasheet HTML 11Page - Microchip Technology AT9933 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AT9933
DS20005597A-page 8
 2016 Microchip Technology Inc.
In case of input transients that reduce the input voltage
below 8V (e.g. Cold Crank condition in an automotive
system), the VIN pin of the AT9933 can be connected to
the MOSFET drain through a switching diode using a
small (1 nF) capacitor between VIN and GND as long as
the drain voltage does not exceed 75V. Since the drain
of the FET is at a voltage equal to the sum of the input
and output voltages, the IC will still be operational when
the input goes below 8V. Therefore, a larger capacitor
is needed at the VDD pin to supply power to the IC when
the MOSFET is switched on.
In this case, VDD UVLO cannot be relied upon to turn off
the IC at low input voltages when input current levels
can get too large. In such cases, the input current limit
must be chosen to ensure that the input current is set
to a safe level.
3.4
Reference
An internally trimmed voltage reference of 1.25V is
provided at the REF pin. The reference can supply a
maximum output current of 500 µA to drive external
resistor dividers.
This reference can be used to set the current
thresholds of the two comparators as shown in the
Typical Application Circuit section.
3.5
Current Comparators
The AT9933 features two identical comparators with a
built-in 100 mV hysteresis. When the GATE is low, the
inverting terminal is connected to 100 mV, but when the
GATE is high, it is connected to GND. One comparator
is used for the input current control and the other for the
output current control.
The input side hysteretic controller is in operation
during Start-up, Overload and Input Undervoltage
conditions. This ensures that the input current never
exceeds the designed value. During normal operation,
the input current is less than the programmed current.
Therefore, the output of the input side comparator will
be high. The output of the AND gate will then be
dictated by the output current controller.
The output side hysteretic comparator controls the
external MOSFET during Steady state operation of the
circuit. This comparator turns the MOSFET on and off
based on the LED current.
3.6
PWM Dimming
PWM Dimming can be achieved by applying a
TTL-compatible square wave signal to the PWM pin.
When the PWMD pin is pulled high, the gate driver is
enabled and the circuit operates normally. When the
PWMD pin is left open or connected to GND, the gate
driver is disabled and the external MOSFET turns off.
The signal at the PWMD pin inhibits the driver only and
the IC need not go through the entire start-up cycle
each time, ensuring a quick response time for the
output current. The recommended PWM dimming
frequency range is from 100 Hz to a few kilohertz.
The flying capacitor in the Ćuk converter (C1) is initially
charged to the input voltage VDC (through diodes D1
and D2). When the circuit is turned on and reaches
Steady state, the voltage across C1 will be VDC+VO. In
the absence of diode D2, when the circuit is turned off,
capacitor C1 will discharge through the LEDs and the
input voltage source VDC. Thus, during PWM dimming,
if capacitor C1 has to be charged and discharged each
cycle, the transient response of the circuit will be
limited. By adding diode D2, the voltage across
capacitor C1 is held at VDC+VO even when the circuit
is turned off, enabling the circuit to return quickly to its
Steady state (and bypassing the start-up stage) upon
being enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com