Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3146 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3146
Description  LM3146 High Voltage Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3146 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3146 Datasheet HTML 1Page - National Semiconductor (TI) LM3146 Datasheet HTML 2Page - National Semiconductor (TI) LM3146 Datasheet HTML 3Page - National Semiconductor (TI) LM3146 Datasheet HTML 4Page - National Semiconductor (TI) LM3146 Datasheet HTML 5Page - National Semiconductor (TI) LM3146 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7959
February 1995
LM3146 High Voltage Transistor Array
General Description
The LM3146 consists of five high voltage general purpose
silicon NPN transistors on a common monolithic substrate
Two of the transistors are internally connected to form a
differentially-connected pair The transistors are well suited
to a wide variety of applications in low power system in the
dc through VHF range They may be used as discrete tran-
sistors in conventional circuits however in addition they
provide the very significant inherent integrated circuit ad-
vantages of close electrical and thermal matching The
LM3146 is supplied in a 14-lead molded dual-in-line pack-
age for applications requiring only a limited temperature
range
Features
Y
High voltage matched pairs of transistors VBE matched
g
5 mV input offset current 2 mA max at IC e 1mA
Y
Five general purpose monolithic transistors
Y
Operation from dc to 120 MHz
Y
Wide operating current range
Y
Low noise figure
32 dB typ at 1 kHz
Applications
Y
General use in all types of signal processing systems
operating anywhere in the frequency range from dc to
VHF
Y
Custom designed differential amplifiers
Y
Temperature compensated amplifiers
Connection Diagram
Dual-In-Line and Small Outline Packages
TLH7959 – 1
Top View
Order Number LM3146M or LM3146N
See NS Package Number M14A or N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM3146

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
LM31-LNG PIXART-LM31-LNG Datasheet
1Mb / 14P
Ultra Low Power LED Optical Mouse Sensor
LM31-LNG PIXART-LM31-LNG Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
logo
National Semiconductor ...
LM310 NSC-LM310 Datasheet
348Kb / 16P
Voltage Follower
logo
Intersil Corporation
LM310 INTERSIL-LM310 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

Similar Description - LM3146

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com