Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3146 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3146
Description  LM3146 High Voltage Transistor Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3146 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3146 Datasheet HTML 1Page - National Semiconductor (TI) LM3146 Datasheet HTML 2Page - National Semiconductor (TI) LM3146 Datasheet HTML 3Page - National Semiconductor (TI) LM3146 Datasheet HTML 4Page - National Semiconductor (TI) LM3146 Datasheet HTML 5Page - National Semiconductor (TI) LM3146 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
LM3146
Units
Power Dissipation Each transistor
TA e 25 Cto55 C
300
mW
TA l 55 C
Derate at 667 mW C
Power Dissipation Total Package
TA e 25 C
500
mW
TA l 25 C
Derate at 667 mW C
Collector to Emitter Voltage VCEO
30
V
Collector to Base Voltage VCBO
40
V
Collector to Substrate Voltage
VCIO (Note 1)
40
V
Emitter to Base Voltage VEBO
(Note 2)
5
V
Collector to Current IC
50
mA
Operating Temperature Range
b
40 to a85
C
Storage Temperature Range
b
65 to a150
C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260 C
Small Outline Package
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
DC Electrical Characteristics TA e 25 C
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
V(BR)CBO
Collector to Base Breakdown Voltage
IC e 10 mA IE e 040
72
V
V(BR)CEO
Collector to Emitter Breakdown Voltage
IC e 1 mA IB e 030
56
V
V(BR)CIO
Collector to Substrate Breakdown
ICI e 10 mA IB e 0
40
72
V
Voltage
IE e0
V(BR)EBO
Emitter to Base Breakdown Voltage
IC e 0 IE e 10 mA5
7
V
(Note 2)
ICBO
Collector Cutoff Current
VCB e 10V IE e 0
0002
100
nA
ICEO
Collector Cutoff Current
VCE e 10V IB e 0
(Note 3)
5
m
A
hFE
Static Forward Current Transfer
IC e 10 mA VCE e 5V
85
Ratio (Static Beta)
IC e 1 mA VCE e 5V
30
100
IC e 10 mA VCE e 5V
90
IB1–IB2
Input Offset Current for Matched
IC1 e 1C2 e 1 mA
03
2
m
A
Pair Q1 and Q2
VCE e 5V
VBE
Base to Emitter Voltage
IC e 1 mA VCE e 3V
063
073
083
V
VBE1–VBE2
Magnitude of Input Offset Voltage
VCE e 5V IE e 1mA
048
5
mV
for Differential Pair
D
VBE DT
Temperature Coefficient of Base
VCE e 5V IE e 1mA
b
19
mV C
to Emitter Voltage
VCE(SAT)
Collector to Emitter Saturation
IC e 10 mA IB e 1mA
033
V
Voltage
D
V10 DT
Temperature Coefficient of Input
IC e 1 mA VCE e 5V
11
m
V C
Offset Voltage
Note 1
The collector of each transistor is isolated from the substrate by an integral diode The substrate must be connected to a voltage which is more negative
than any collector voltage in order to maintain isolation between transistors and provide normal transistor action To avoid undesired coupling between transistors
the substrate terminal should be maintained at either dc or signal (ac) ground A suitable bypass capacitor can be used to establish a signal ground
Note 2
If the transistors are forced into zener breakdown (V(BR)EBO) degradation of forward transfer current ratio (hFE) can occur
Note 3
See curve
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com