Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP306CT Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP306CT
Description  RS-422/RS-423 Line Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP306CT Datasheet(HTML) 4 Page - Sipex Corporation

  SP306CT Datasheet HTML 1Page - Sipex Corporation SP306CT Datasheet HTML 2Page - Sipex Corporation SP306CT Datasheet HTML 3Page - Sipex Corporation SP306CT Datasheet HTML 4Page - Sipex Corporation SP306CT Datasheet HTML 5Page - Sipex Corporation SP306CT Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
92
and sink current capability. The RS423 line
drivers convert TTL logic levels into inverted
RS-423 output signals. All line drivers are inter-
nally protected against short circuits on their
outputs.
The RS-422 receivers convert the RS-422 dif-
ferential input signals into non–inverted TTL
logic levels. Receiver input thresholds are
±200mV. The RS-422 receivers can receive
input data up to 1Mbps. The RS-423 receivers
convert the RS-423 input signals into inverted
TTL output logic levels. The RS-423 receivers
have an input threshold of
±200mV, and can
receive data up to 100kbps.
A loopback test mode is provided that puts the
driver outputs into a high impedance tri–state
level, and routes the driver outputs to their
associated receiver inputs. In this configuration,
the signal path is non–inverting from the TTL
driver inputs to the receiver TTL outputs. This
operating mode allows the controlling system to
perform diagnostic self–test of the RS-422/
RS-423 transceiver circuitry at speeds up to
3kbps.
Figure 1. Control Input Configuration — SELECT A = 0, SELECT B = 0
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
TINA
RINA1
ROUTA
TOUTA1
SELECT A = 0
SELECT B = 0
LOOPBACK = 0
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
SELECT A = 0
SELECT B = 0
LOOPBACK = 1
TINB
RINB1
ROUTB
TOUTB1
TINA
RINA1
ROUTA
TOUTA*1
TINB
RINB1
ROUTB
TOUTB*1
RS-423 DRIVER
* Tri–state output
RS-423 RECEIVER
RS-422 RECEIVER
RS-422 DRIVER
* Tri–state output
APPLICATION INFORMATION
Control Logic Configuration
Software control of the SP306 is via two select
pins (7 and 8) and a loopback control pin (22).
SELECT A and SELECT B allow the user to
program the SP306 for four different interface
modes. Loopback mode can be selected in any
of these interface modes. The figures that follow
outline the various operating modes that are
supported by the SP306.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com