Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP306CT Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP306CT
Description  RS-422/RS-423 Line Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP306CT Datasheet(HTML) 6 Page - Sipex Corporation

  SP306CT Datasheet HTML 1Page - Sipex Corporation SP306CT Datasheet HTML 2Page - Sipex Corporation SP306CT Datasheet HTML 3Page - Sipex Corporation SP306CT Datasheet HTML 4Page - Sipex Corporation SP306CT Datasheet HTML 5Page - Sipex Corporation SP306CT Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
94
Figure 4. Control Input Configuration — SELECT A = 1, SELECT B = 1
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
SELECT A = 1
SELECT B = 1
LOOPBACK = 0
LOOPBACK
GND
SUPPLY
+5V +12V –12V
VCC VDD VEE
SP306
28
1
15
14
7
8
SELECT A
SELECT B
22
SELECT A = 1
SELECT B = 1
LOOPBACK = 1
RS-423 DRIVER
* Tri–state output
RS-423 RECEIVER
RS-422 RECEIVER
RS-422 DRIVER
* Tri–state output
RINA2
RINA1
TOUTA1
TOUTA2
ROUTA
TINA
ROUTA
TINA
RINA2
RINA1
TOUTA*1
TOUTA*2
RINB2
RINB1
TOUTB1
TOUTB2
ROUTB
TINB
ROUTB
TINB
RINB2
RINB1
TOUTB*1
TOUTB*2
ORDERING INFORMATION
Model
Temperature Range
Package
Two full–duplex channels RS-422/RS-423
SP306CT ................................................ 0
°C to +70°C ...............................................................28–pin SOIC
SP306MF .......................................... –55
°C to +125°C ........................................... 28–pin Ceramic Flatpack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com