Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5510 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP5510 Datasheet HTML 1Page - National Semiconductor (TI) TP5510 Datasheet HTML 2Page - National Semiconductor (TI) TP5510 Datasheet HTML 3Page - National Semiconductor (TI) TP5510 Datasheet HTML 4Page - National Semiconductor (TI) TP5510 Datasheet HTML 5Page - National Semiconductor (TI) TP5510 Datasheet HTML 6Page - National Semiconductor (TI) TP5510 Datasheet HTML 7Page - National Semiconductor (TI) TP5510 Datasheet HTML 8Page - National Semiconductor (TI) TP5510 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description (Continued)
Symbol
Function
MCLKD PDN
Encode master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be asyn-
chronous with MCLKE but should be syn-
chronous with MCLKE for best perform-
ance When MCLKD is connected continu-
ously low MCLKE is selected for all inter-
nal timing When MCLKD is connected
continuously high the device is powered
down
MCLKE
Encode master clock Must be 1536 MHz
1544 MHz or 2048 MHz May be asyn-
chronous with MCLKD Best performance
is realized from synchronous operation
FSE
Encode frame sync pulse input which en-
ables BCLKE to shift out the data on DE
FSE is an 8 kHz pulse train see Figures 2
and
3 for timing details
BCLKE
The bit clock which shifts out the data on
DE May vary from 64 kHz to 2048 MHz
but must be synchronous with MCLKE
DE
The TRI-STATE
data output which is en-
abled by FSE
TSE
Open drain output which pulses low during
the AD time slot
GSE
Analog output of the encode input amplifi-
er Used to externally set gain
VFEIb
Inverting input of the encode input amplifi-
er
VFEIa
Non-inverting input of the encode input
amplifier
Functional Description
POWER-UP
When power is first applied power-on reset circuitry initializ-
es the AFE and places it into a power-down state All non-
essential circuits are deactivated and the DE and VFDO out-
puts are put in high impedance states To power-up the de-
vice a logical low level or clock must be applied to the
MCLKD PDN pin and FSE andor FSD pulses must be pres-
ent Thus 2 power-down control modes are available The
first is to pull the MCLKD PDN pin high the alternative is to
hold both FSE and FSD inputs continuously lowthe device
will power-down approximately 2 ms after the last FSE or
FSD pulse Power-up will occur on the first FSE or FSD
pulse The TRI-STATE data output DE will remain in the
high impedance state until the second FSE pulse
SYNCHRONOUS OPERATION
For synchronous operation the same master clock and bit
clock should be used for both the encode and decode direc-
tions In this mode a clock must be applied to MCLKE and
the MCLKD PDN pin can be used as a power-down control
A low level on MCLKD PDN powers up the device and a
high level powers down the device In either case MCLKE
will be selected as the master clock for both the encode and
decode circuits A bit clock must also be applied to BCLKE
and the BCLKD CLKSEL can be used to select the proper
internal divider for a master clock of 1536 MHz 1544 MHz
or 2048 MHz For 1544 MHz operation the device auto-
matically compensates for the 193rd clock pulse each
frame
With a fixed level on the BCLKD CLKSEL pin BCLKE will be
selected as the bit clock for both the encode and decode
directions Table 1 indicates the frequencies of operation
which can be selected depending on the state of BCLKD
CLKSEL In this synchronous mode the bit clock BCLKE
may be from 64 kHz to 2048 MHz but must be synchro-
nous with MCLKE
Each FSE pulse begins the encoding cycle and the data
from the previous encode cycle is shifted out of the enabled
DE output on the positive edge of BCLKE After 8-bit clock
periods the TRI-STATE DE output is returned to a high im-
pedance state With an FSD pulse data is latched via the
DD input on the negative edge of BCLKE (or BCLKD if run-
ning) FSE and FSD must be synchronous with MCLKED
TABLE I Selection of Master Clock Frequencies
BCLKD CLKSEL
Master Clock
Frequency Selected
TP5510
Clocked
1536 MHz or 1544 MHz
0
2048 MHz
1
1536 MHz or 1544 MHz
ASYNCHRONOUS OPERATION
For asynchronous operation separate encode and decode
clocks may be applied
MCLKE and MCLKD must be
1536 MHz or 1544 MHz for the TP5510 and need not be
synchronous For best transmission performance however
MCLKD should be synchronous with MCLKE which is easily
achieved by applying only static logic levels to the MCLKD
PDN pin This will automatically connect MCLKE to all inter-
nal MCLKD functions (see Pin Description) For 1544 MHz
operation the device automatically compensates for the
193rd clock pulse each frame FSE starts each AD conver-
sion cycle and must be synchronous with MCLKE and
BCLKE FSD starts each DA conversion cycle and must be
synchronous with BCLKD BCLKD must be a clock the logic
levels shown in Table 1 are not valid in asynchronous mode
BCLKE and BCLKD may operate from 64 kHz to 2048 MHz
SHORT FRAME SYNC OPERATION
The AFE can utilize either a short frame sync pulse or a long
frame sync pulse Upon power initialization the device as-
sumes a short frame mode In this mode both frame sync
pulses FSE and FSD must be one bit clock period long
with timing relationships specified in
Figure 2 With FSE high
during a falling edge of BCLKE the next rising edge of
BCLKE enables the DE TRI-STATE output buffer which will
output the sign bit The following seven rising edges clock
out the remaining seven bits and the next falling edge dis-
ables the DE output With FSD high during a falling edge of
BCLKD (BCLKE in synchronous mode) the next falling edge
of BCLKE latches in the sign bit The following seven falling
http
www nationalcom
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com