Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5510 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5510
Description  Full Duplex Analog Front End for Consumer Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5510 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button TP5510 Datasheet HTML 4Page - National Semiconductor (TI) TP5510 Datasheet HTML 5Page - National Semiconductor (TI) TP5510 Datasheet HTML 6Page - National Semiconductor (TI) TP5510 Datasheet HTML 7Page - National Semiconductor (TI) TP5510 Datasheet HTML 8Page - National Semiconductor (TI) TP5510 Datasheet HTML 9Page - National Semiconductor (TI) TP5510 Datasheet HTML 10Page - National Semiconductor (TI) TP5510 Datasheet HTML 11Page - National Semiconductor (TI) TP5510 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Applications Information
POWER SUPPLIES
While the pins of the AFE are well protected against electri-
cal misuse it is recommended but not mandatory that the
standard CMOS practice be followed ensuring that ground
is connected to the device before any other connections are
made In applications where the printed circuit board may be
plugged into a ‘‘hot’’ socket with power and clocks already
present an extra long ground pin in the connector should
be used
All ground connections to each device should meet at a
common point as close as possible to the GNDA pin This
minimizes the interaction of ground return currents flowing
through a common bus impedance 01 mF supply decou-
pling capacitors should be connected from this common
ground point to VCC and VBB as close to the device as
possible
For best performance if more than 1 AFE is on a card the
ground point of each AFE on a card should be connected to
a common card ground in star formation rather than via a
ground bus
This common ground point should be decoupled to VCC and
VBB with 10 mF capacitors
Physical Dimensions inches (millimeters) unless otherwise noted
Molded Small Outline Package (WM)
Order Number TP5510WM
NS Package Number M16B
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com