Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC363 Datasheet(PDF) 1 Page - Micross Components

Part # HMC363
Description  Wide Bandwidth
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC363 Datasheet(HTML) 1 Page - Micross Components

  HMC363 Datasheet HTML 1Page - Micross Components HMC363 Datasheet HTML 2Page - Micross Components HMC363 Datasheet HTML 3Page - Micross Components HMC363 Datasheet HTML 4Page - Micross Components HMC363 Datasheet HTML 5Page - Micross Components HMC363 Datasheet HTML 6Page - Micross Components HMC363 Datasheet HTML 7Page - Micross Components HMC363 Datasheet HTML 8Page - Micross Components HMC363 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC363
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC363

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC363 HITTITE-HMC363 Datasheet
188Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363 HITTITE-HMC363 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363 HITTITE-HMC363 Datasheet
212Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Analog Devices
HMC363 AD-HMC363 Datasheet
311Kb / 6P
GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
logo
Hittite Microwave Corpo...
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
More results

Similar Description - HMC363

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKC7980 CPI-VKC7980 Datasheet
616Kb / 2P
Wide Bandwidth Series
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
wide bandwidth
logo
Analog Devices
ADG799G AD-ADG799G_15 Datasheet
574Kb / 24P
Compatible, Wide Bandwidth
REV. 0
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
Wide Bandwidth
logo
Keysight Technologies
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
Wide-Bandwidth Oscilloscope
86100D-300 KEYSIGHT-86100D-300 Datasheet
3Mb / 37P
Wide-Bandwidth Oscilloscope
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
Wide Bandwidth
logo
MTRONPTI
PA1007 MTRONPTI-PA1007 Datasheet
225Kb / 2P
Instantaneous wide bandwidth
logo
Analog Devices
HMC587LC4B AD-HMC587LC4B Datasheet
285Kb / 6P
Wide Tuning Bandwidth
logo
Mini-Circuits
K1-ADTL MINI-K1-ADTL Datasheet
263Kb / 1P
Very wide bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com