Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEATBN7WM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEATBN7WM
Description  compact lightsource in SMT technology with glass window on top
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEATBN7WM Datasheet(HTML) 1 Page - OSRAM GmbH

  LEATBN7WM Datasheet HTML 1Page - OSRAM GmbH LEATBN7WM Datasheet HTML 2Page - OSRAM GmbH LEATBN7WM Datasheet HTML 3Page - OSRAM GmbH LEATBN7WM Datasheet HTML 4Page - OSRAM GmbH LEATBN7WM Datasheet HTML 5Page - OSRAM GmbH LEATBN7WM Datasheet HTML 6Page - OSRAM GmbH LEATBN7WM Datasheet HTML 7Page - OSRAM GmbH LEATBN7WM Datasheet HTML 8Page - OSRAM GmbH LEATBN7WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LE ATB N7WM
OSRAM OSTAR Projection Compact
Datasheet
Version 2.1 (not for new design)
2015-11-25
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN; InGaAlP
• Color: amber (617 nm); true green (525 nm);
blue (460 nm)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°
Applications
• Projection; embedded or companion projectors
for mobile devices (e.g. mobile phones, laptop,
digital cameras, MP3 players)
Kompakte Lichtquelle in SMT Technologie,
Anbdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN; InGaAlP
• Farbe: amber (617 nm); true green (525 nm);
blue (460 nm)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°
Anwendungen
• Projektion; integrierte oder eigenständige
Projektoren für mobile Geräte (z.B. in
Mobiltelefone, Laptop, Digitalkameras,
MP3-Player)


Similar Part No. - LEATBN7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEATBA2A OSRAM-LEATBA2A Datasheet
628Kb / 17P
Lead (Pb) Free Product - RoHS Compliant
LEATBS2W OSRAM-LEATBS2W Datasheet
1Mb / 20P
compact lightsource in multi chip SMT technology with glass window on top
More results

Similar Description - LEATBN7WM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ7WP-5C8C-24 OSRAM-LEBQ7WP-5C8C-24 Datasheet
875Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com