Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC79110_13 Datasheet HTML 8Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 9Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 10Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 11Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 12Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 13Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 14Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 15Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Micrel, Inc.
MIC79110
September 23, 2013
13
Revision 2.1
Figure 4. Auto Top-Off Charger Application
Figure 5. Charging Description
1. SD not held low by active high DEOC because
DEOC Comparator’s inputs do not common-mode to
ground. Divider holds SD low so part can start.
2. SD held low by divider.
3. SD held low by active high DEOC.
4. Divider voltage above SD threshold and DEOC open.
5. Divider voltage drops below SD threshold and
charging begins again.
Figure 6. Top-Off Charger with Internal Reset −
Application Circuit
This circuit is similar to the auto top-off charger circuit
mentioned above except that the DEOC pin is externally
triggered to restart the charging cycle. It still uses the
same resistor divider to set the minimum battery voltage
before the lithium-ion needs to be recharged.
Figure 7. Auto-Shutdown using Shutdown Pin
The shutdown pin on the MIC79110 can be used to
automatically shutdown the battery charger when the
input voltage rises above a safe operating voltage. To
keep the part from heating up and entering thermal
shutdown, we can connect the shutdown pin to VIN using
a resistor divider. Use Equation 3 to setup the maximum
VIN:
(
)
1
2
R
1
R
V
MAX
VIN
SD
+
=
Eq. 3
The MIC79110 can be connected to a wall wart with a
rectified DC voltage and protected from over voltages at
the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com