Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC79110_13 Datasheet HTML 1Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 2Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 3Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 4Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 5Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 6Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 7Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 8Page - Micrel Semiconductor MIC79110_13 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC79110
September 23, 2013
4
Revision 2.1
Electrical Characteristics(4) (Continued)
TA = 25°C with VIN = VOUT + 1V; ILOAD = 100µA; CBAT = 10µF; SD = 0V; RSET = 1kΩ.
Bold values indicate –40ºC < TJ < +125°C; unless
otherwise specified.
Parameter
Condition
Min.
Typ.
Max.
Units
Maximum Current Limit
RSET shorted to ground, VBAT = 0.9 × VNOM
1.25
1.65
2.5
A
VBAT Reverse Current
VIN = High impedance or ground
4.2
20
µA
Digital End–of–Charge (DEOC) Output
IEOC(8, 9)
REOC = 4kΩ Current Falling
35
50
65
mA
30
70
IEOC(8, 9)
REOC = 4kΩ Current Rising
50
70
95
mA
40
100
DEOC Logic–Low Voltage
IEOC = 5mA, IBAT = 700mA
0.74
0.95
V
DEOC Leakage Current
Logic HIGH = VIN = 16V
0.1
µA
DEOC On Resistance
VIN = +5V
150
190
Ω
REOC Maximum Current Limit
REOC shorted to ground
0.5
1.0
2.0
mA
Analog Charge Indicator (ACHG) Output
ISOURCE(10)
IBAT = 50mA
37
46
55
µA
IBAT = 1.2A, TJ = –40°C to +85°C
800
950
1150
Notes:
8. Output current IEOC when digital end-of-charge output goes high impedance. Currents greater than IEOC, the DEOC output is low, currents lower than
IEOC, DEOC is high impedance.
9. IEOC = (0.2V/REOC) × 1000.
10. ISOURCE is the current output from ACHG pin. A resistor to ground from the ACHG pin will program a voltage that is proportional to the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com