Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM321
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM321 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM321 Datasheet HTML 1Page - National Semiconductor (TI) LM321 Datasheet HTML 2Page - National Semiconductor (TI) LM321 Datasheet HTML 3Page - National Semiconductor (TI) LM321 Datasheet HTML 4Page - National Semiconductor (TI) LM321 Datasheet HTML 5Page - National Semiconductor (TI) LM321 Datasheet HTML 6Page - National Semiconductor (TI) LM321 Datasheet HTML 7Page - National Semiconductor (TI) LM321 Datasheet HTML 8Page - National Semiconductor (TI) LM321 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = +5V, single supply,
T
A = 25˚C.
Small Signal Pulse Response
Large Signal Pulse Response
20007604
20007605
Supply Current vs. Supply Voltage
Sinking Current vs. Output Voltage
20007612
20007613
Source Current vs. Output Voltage
Open Loop Frequency Response
20007617
20007614
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com