Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM321
Description  Low Power Single Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM321 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM321 Datasheet HTML 1Page - National Semiconductor (TI) LM321 Datasheet HTML 2Page - National Semiconductor (TI) LM321 Datasheet HTML 3Page - National Semiconductor (TI) LM321 Datasheet HTML 4Page - National Semiconductor (TI) LM321 Datasheet HTML 5Page - National Semiconductor (TI) LM321 Datasheet HTML 6Page - National Semiconductor (TI) LM321 Datasheet HTML 7Page - National Semiconductor (TI) LM321 Datasheet HTML 8Page - National Semiconductor (TI) LM321 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Application Hints
The LM321 op amp can operate with a single or dual power
supply voltage, has true-differential inputs, and remain in the
linear mode with an input common-mode voltage of 0 V
DC.
This amplifier operates over a wide range of power supply
voltages, with little change in performance characteristics. At
25˚C amplifier operation is possible down to a minimum
supply voltage of 3V.
Large differential input voltages can be easily accommo-
dated and, as input differential voltage protection diodes are
not needed, no large input currents result from large differ-
ential input voltages. The differential input voltage may be
larger than V
+
without damaging the device. Protection
should be provided to prevent the input voltages from going
negative more than −0.3 V
DC (at 25˚C). An input clamp diode
with a resistor to the IC input terminal can be used.
To reduce the power supply drain, the amplifier has a class A
output stage for small signal levels which converts to class B
in a large signal mode. This allows the amplifiers to both
source and sink large output currents. Therefore both NPN
and PNP external current boost transistors can be used to
extend the power capability of the basic amplifiers. The
output voltage needs to raise approximately 1 diode drop
above ground to bias the on-chip vertical PNP transistor for
output current sinking applications.
For AC applications, where the load is capacitively coupled
to the output of the amplifier, a resistor should be used, from
the output of the amplifier to ground to increase the class A
bias current and to reduce distortion.
Capacitive loads which are applied directly to the output of
the amplifier reduce the loop stability margin. Values of 50pF
can be accommodated using the worst-case non-inverting
unity gain connection. Large closed loop gains or resistive
isolation should be used if large load capacitance must be
driven by the amplifier.
The bias network of the LM321 establishes a supply current
which is independent of the magnitude of the power supply
voltage over the range of from 3 V
DC to 30 VDC.
Output short circuits either to ground or to the positive power
supply should be of short time duration. Units can be de-
stroyed, not as a result of the short circuit current causing
metal fusing, but rather due to the large increase in IC chip
dissipation which will cause eventual failure due to exces-
sive junction temperatures. The larger value of output source
current which is available at 25˚C provides a larger output
current capability at elevated temperatures than a standard
IC op amp.
The circuits presented in the section on typical applications
emphasize operation on only a single power supply voltage.
If complementary power supplies are available, all of the
standard op amp circuits can be used. In general, introduc-
ing a pseudo-ground (a bias voltage reference of V+/2) will
allow operation above and below this value in single power
supply systems. Many application circuits are shown which
take advantage of the wide input common-mode voltage
range which includes ground. In most cases, input biasing is
not required and input voltages which range to ground can
easily be accommodated.
Typical Applications
Non-Inverting DC Gain (0V Input = 0V Output)
20007606
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com