Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2874YCS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2874YCS Datasheet HTML 1Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 2Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 3Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 4Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 5Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 6Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 7Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 8Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Micrel, Inc.
MIC2874
Ordering Information
Part Number
Marking Code
Operating Ambient Temperature
Range
Package
(1)
MIC2874YCS
74A
–40°C to +85°C
9-bump 1.30mm x 1.30mm WLCSP
Note:
1.
WLCSP bump A1 identifier = “
•”.
Pin Configuration
9-Bump 1.30mm x 1.30mm WLCSP (CS)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
A1
LED
LED current sink pin. Connect the LED anode to OUT and cathode to this pin.
A2
DC
Single Wire Interface serial control input.
A3
OUT
Boost converter output pin to be connected to the anode of the LED. Connect a low ESR ceramic
capacitor of at least 4.7µF at this pin to PGND.
B1
LGND
Linear Ground. LED current return path.
B2
FEN
Flash Mode Enable Pin. Asserting this pin high enables MIC2874 into the Flash mode. If this pin
is left floating, it is pulled-down internally by a built-in 1µA current source when the device is
enabled.
B3
SW
Inductor connection pin. It is connected to the internal power MOSFETs.
C1
AGND
Analog Ground.
C2
VIN
Supply Input pin. Connect a low ESR ceramic capacitor of at least 4.7µF at this pin to AGND.
C3
PGND
Power Ground. Inductor current return path.
August 26, 2014
2
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com