Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2874YCS Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2874YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2874YCS Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2874YCS Datasheet HTML 1Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 2Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 3Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 4Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 5Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 6Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 7Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 8Page - Micrel Semiconductor MIC2874YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MIC2874
1.2A High-Brightness Flash LED Driver with
Single-Wire Serial Interface
General Description
The MIC2874 is a high-current, high-efficiency flash LED
driver. The LED driver current is generated by an
integrated inductive boost converter with a 4MHz switching
frequency which allows for the use of very small inductor
and output capacitor. These features make the MIC2874
an ideal solution for high-resolution camera phone LED
flash light driver applications.
MIC2874 operates in either flash or torch modes that can
be controlled through the single-wire serial interface and/or
external control pin. A robust single-wire serial interface
allows the host processor to control the LED current and
brightness. The MIC2874 is available in a 9-bump 1.30mm
x 1.30mm WLCSP package.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Up to 1.2A flash LED driving current
• Highly efficient synchronous boost driver
• Control through single-wire serial interface or external
control pin
• Input voltage range: 2.7V to 5.5V
• True load disconnect
• Configurable safety time-out protection
• Output overvoltage protection (OVP)
• LED short detection and protection.
• 1µA shutdown current
• Available in 9-bump 1.30mm x 1.30mm WLCSP
package
Applications
• Camera phones/mobile handsets
• Cell phones/smartphones
• LED light for image capture/auto focus/white balance
• Handset video light (torch light)
• Digital cameras
• Portable applications
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 26, 2014
Revision 1.0


Similar Part No. - MIC2874YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2870YFT MICREL-MIC2870YFT Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2871YMK MICREL-MIC2871YMK Datasheet
1Mb / 24P
1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results

Similar Description - MIC2874YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
Series Boost LED Driver with Single-Wire Digital Interface
logo
Micrel Semiconductor
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
LP5560 Programmable LED Driver With Single-Wire Interface
logo
Micrel Semiconductor
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
1.2A 36V Step Down High Brightness LED Driver
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com