Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2873YCS Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2873YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2873YCS Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2873YCS Datasheet HTML 16Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 17Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 18Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 19Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 20Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 21Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 22Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 23Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Micrel, Inc.
MIC2873
Typical Application Schematic
DC
LED
FEN
VIN
SW
OUT
VBAT
AGND
FLASH ENABLE
SINGLE-WIRE SERIAL I/F
4.7µ
F
10V
PGND
LGND
4.7µF
10V
1µH
L1
C1
C2
D1
FLASH
WHITE
LED
GND
U1
MIC2873YCS
2.7V to 5.5V
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
C1608X5R1A475K080AC
TDK
(7)
Capacitor 4.7 µF, 10V, 10%, X5R, 0603
2
D1
SPFCW04301BL
Samsung
(8)
High-Power Flash LED, 4.1mm × 3.9mm × 2.1mm,
220lux @ ILED = 1A
1
LXCL-MN06-3002
Philips
(9)
LUXEON Flash 6 Module, 4mm × 4mm × 2.2mm,
180lux @ ILED = 1A
L1
PIFE25201B-1R0MS-39
Cyntec
(10)
Inductor 1µH, 3.55A, SMD, 2.5mm × 2.0mm × 1.2mm
1
U1
MIC2873YCS
Micrel, Inc.
(11)
1.2A High-Brightness Flash LED Driver with Single-Wire
Serial Interface
1
Notes:
7.
TDK: www.tdk.com.
8.
Samsung: www.samsung.com.
9.
Philips: www.philipsluminleds.com.
10. Cyntec: www.cyntec.com.
11. Micrel, Inc.: www.micrel.com.
July 17, 2014
21
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com