Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2873YCS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2873YCS
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2873YCS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2873YCS Datasheet HTML 1Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 2Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 3Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 4Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 5Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 6Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 7Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 8Page - Micrel Semiconductor MIC2873YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Micrel, Inc.
MIC2873
Electrical Characteristics
(6) (Continued)
VIN = 3.6V; L = 1µH; COUT =4.7µF, IOUT = 100mA, TA = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
TSD
Overtemperature
Shutdown Threshold
155
°C
Overtemperature
Shutdown Hysteresis
15
°C
TTO
Safety Timeout Shutdown
Default timer setting
1.25
s
ITO
Safety Timer Current
Threshold
Default current threshold setting
250
mA
VLBVD
Low-Battery Voltage
Detection Threshold
Default LBVD threshold setting
3.0
V
Low-Battery Voltage
Detection Threshold
Accuracy
All low-battery voltage detection threshold
settings
50
mV
VSHORT
LED Short-Circuit
Detection Voltage
Threshold
VOUT - VLED
1.55
1.7
1.85
V
ITEST
LED Short-Circuit
Detection Test Current
1.6
2
2.7
mA
Current Sink Channel
Channel Current Accuracy
VOUT = 4.2V, ILED = 0.20A
−6
6
%
VOUT = 4.2V, ILED = 1.0A
-8
8
VLED
Current Sink Voltage
Dropout
Boost mode
250
mV
FEN Control Pin
VFEN
FEN Threshold Voltage
FLASH ON
1.3
V
FLASH OFF
0.6
FEN Pull-down Current
VFEN = 5.5V
1.3
5
µA
Electrical Characteristics
̶ Single-Wire Interface (Guaranteed by design)
VIN = 3.6V; L = 1µH; COUT =4.7µF, IOUT = 100mA, TA = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDC
LOW-Level Input Voltage
0.4
V
HIGH-Level Input Voltage
1.3
V
DC Pull-Down Current
VDC = 5.5V
2.8
5
µA
TON
ON Time
0.1
72
µs
TOFF
OFF Time
0.1
72
µs
TLAT
Latch Time
97
324
µs
TEND
END Time
405
µs
July 17, 2014
4
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com