Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2785 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2785
Description  Dual Supply Voltage Monitor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2785 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2785 Datasheet HTML 1Page - Micrel Semiconductor MIC2785 Datasheet HTML 2Page - Micrel Semiconductor MIC2785 Datasheet HTML 3Page - Micrel Semiconductor MIC2785 Datasheet HTML 4Page - Micrel Semiconductor MIC2785 Datasheet HTML 5Page - Micrel Semiconductor MIC2785 Datasheet HTML 6Page - Micrel Semiconductor MIC2785 Datasheet HTML 7Page - Micrel Semiconductor MIC2785 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC2785
Ordering Information
Part Number
(1)
Marking
Typical Application
Voltage
Junction Temperature
Range
Package
MIC2785-16YFT
U1C
1.8V+10%
–40°C to +85°C
6–Pin 1.2mm × 1.2mm Thin QFN Pb-Free
Note:
1.
Other voltages are available. Contact Micrel for details.
Pin Configuration
6-Pin (1.2mm × 1.2mm) Thin QFN (FT)
Pin Description
Pin Number
Pin Name
Pin Function
1
NC
Not Internally Connected.
2
VDD
Analog (Input). Independent supply input for internal circuitry.
3
GND
Ground.
4
VIN
Analog (Input). Monitored input voltage. An under-voltage condition will trigger a reset sequence.
5
/MR
Digital (Input): Asserting this pin low initiates an immediate and unconditional reset. Assuming VIN
is above the threshold when /MR is released (returns high), the reset output will be de-asserted.
/MR may be driven by a logic signal or a mechanical switch. /MR has an internal pull-up to VDD
and may be left floating if unused.
6
/RST
Digital (Output): Asserted low whenever the VIN pin voltage falls below the reference voltage or
Manual Reset pin (/MR) is asserted. It will remain asserted until VIN voltage rises above the
threshold voltage and the /MR pin is released. The maximum output voltage of the /RST pin is
VIN. /RST is a push-pull output.
May 15, 2015
2
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com