Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2785 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2785
Description  Dual Supply Voltage Monitor with Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2785 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2785 Datasheet HTML 1Page - Micrel Semiconductor MIC2785 Datasheet HTML 2Page - Micrel Semiconductor MIC2785 Datasheet HTML 3Page - Micrel Semiconductor MIC2785 Datasheet HTML 4Page - Micrel Semiconductor MIC2785 Datasheet HTML 5Page - Micrel Semiconductor MIC2785 Datasheet HTML 6Page - Micrel Semiconductor MIC2785 Datasheet HTML 7Page - Micrel Semiconductor MIC2785 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micrel, Inc.
MIC2785
Absolute Maximum Ratings
(2)
Supply Voltage (VDD)........................................ -0.3V to +6V
Monitor Input (VIN) ............................................ -0.3V to +6V
Input Voltage (V/MR) .......................................... -0.3V to +6V
/RST Current .............................................................±20mA
Lead Temperature (soldering, 20sec.)....................... 260°C
Junction Temperature (TJ) .........................-40°C to +125°C
Storage Temperature (TS)..........................-65°C to +150°C
ESD Rating
(4) (Human Body Model) ......................... ±1.5kV
Operating Ratings
(3)
Supply Voltage (VDD).................................... +1.5V to +5.5V
Monitor Input (VIN) ......................................... –0.3V to + VDD
Input Voltage (V/MR) ..................................... –0.3V to + 5.5V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
6–pin 1.2mm × 1.2mm Thin QFN (
θ
JA) ......... 140.7°C/W
Electrical Characteristics
(5)
VDD = 3.1V; VIN = VDD = 3.1V; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDD
Supply Current (VDD)
VIN = VTH +1.6%, /MR & /RST open
1.0
µA
IIN
Supply Current (VIN)
VIN = VTH +1.6%, /MR & /RST open
3.5
µA
VTH Accuracy
-1.5
+1.5
%
VHYST
Hysteresis Voltage
1.5
%
tPROP_TH
Propagation Delay
VIN = VTH ±1 .5%, ±100mV
5
25
µs
VOL
Output Voltage Low
VIN
≤ VTH -1.5%, ISINK = 100µA, VDD > 1.2V
0.3
V
VOH
Output Voltage High
VIN > VTH +1.5%, ISOURCE = 500µA
0.8 * VIN
V
/MR Input
VIH
Input High Voltage
VDD = 3.1V
1.7
V
VIL
Input Low Voltage
VDD = 3.1V
0.4
V
tPROP_MR
Propagation Delay
V/MR < (VIL –100mV)
0.5
25
µs
tMIN
Minimum Input Pulse Width
V/MR < VIL reset occurs
33
ns
IPU
Internal Pull-up Current
100
nA
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
5.
Specification for packaged product only.
May 15, 2015
3
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com