Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST Datasheet(PDF) 1 Page - Schurter Inc.

Part # FST
Description  Miniature Fuses Type FST 6,332 time-lag T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST Datasheet(HTML) 1 Page - Schurter Inc.

  FST Datasheet HTML 1Page - Schurter Inc. FST Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FUSES
FST 6,3
32
Non resettable fuses
www.schurterinc.com
103
Miniature Fuses
Type FST 6,3
32
time-lag T
low breaking capacity
Glass tube
Standards
none
Approvals
none
100
1000
10
1
0,1
0,01
,001
12
3
4
5 6
8 10
20 mA - 2 A
2,5 A - 20 A
Multiple of rated current I
n
2 · In
2,75 · In
4 · In
10 · In
min.
max.
min.
max.
min.
max.
min.
max.
20 mA – 2 A
800 ms*
20 s*
150 ms*
3 s*
60 ms
1 s
10 ms
200 ms
2,5 – 20 A
800 ms
20 s
200 ms
6 s
80 ms
2 s
15 ms
300 ms
Rated
current I
n
n · In
Pre-arcing time/current
characteristic (at Ta 23 °C)
Non fusing current Inf = 1,15 In
* These values are not guaranteed at 20 mA
Order No.
Rated current I
n
Breaking capacity
Voltage drop
Sustained
Pre-arcing
Rated voltage U
n
power dissipation
l2t
at I
n
at 1,15 · I
n
at
10 · I
n
max.
typ.
typ.
mV
mV
W
A2s
0034.3401
20
mA / 250 V
5500
2800
0,1
0034.3402
32
mA / 250 V
5500
2700
0,1
0034.3403
40
mA / 250 V
5000
2100
0,1
0034.3404
50
mA / 250 V
5000
1600
0,1
0034.3405
63
mA / 250 V
4000
1500
0,1
0034.3406
80
mA / 250 V
3400
1100
0,1
0034.3407
100
mA / 250 V
2500
940
0,1
0034.3408
125
mA / 250 V
2000
890
0,1
0034.3409
160
mA / 250 V
1700
770
0,1
0034.3410
200
mA / 250 V
1400
840
0,2
0034.3411
250
mA / 250 V
1200
590
0,2
0034.3412
315
mA / 250 V
900
200
0,1
0034.3413
400
mA / 250 V
650
180
0,1
0034.3414
500
mA / 250 V
550
140
0,1
0034.3415
630
mA / 250 V
450
140
0,1
0034.3416
800
mA / 250 V
320
140
0,1
0034.3417
1
A / 250 V
270
140
0,2
0034.3418
1,25
A / 250 V
250
100
0,2
0034.3419
1,6
A / 250 V
200
100
0,2
0034.3420
2
A / 250 V
200
90
0,2
0034.3421
2,5
A / 250 V
200
80
0,3
0034.3422
3,15
A / 250 V
200
80
0,3
0034.3423
4
A / 250 V
200
80
0,4
0034.3424
5
A / 250 V
200
80
0,5
0034.3425
6,3
A / 250 V
200
80
0,7
0034.3426
8
A / 250 V
200
120
1,5
0034.3427
10
A / 250 V
200
110
1,6
0034.3428
12,5
A / 250 V
180
100
1,7
0034.3429
16
A / 250 V
150
90
2,2
0034.3430
20
A / 250 V
150
100
3,3
35 A / 250 V AC,
p.f. / cos
1
10 · I
n / 250 V AC
p.f. / cos
1
on request
50
75
100


Similar Part No. - FST

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FST OHMITE-FST Datasheet
246Kb / 1P
Thin Film Temperature Sensor
logo
Vishay Siliconix
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
logo
Gamewell-FCI by Honeywe...
FST-10 GAMEWELL-FCI-FST-10 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
FST-2 GAMEWELL-FCI-FST-2 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
logo
TE Connectivity Ltd
FST-21A-10 TEC-FST-21A-10 Datasheet
471Kb / 4P
FLEXSTRIP PIN CONFIGURATIONS, GENERIC
22MAR11
More results

Similar Description - FST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
00345207 SCHURTER-00345207 Datasheet
274Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
00012521 SCHURTER-00012521 Datasheet
297Kb / 2P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
logo
Bourns Electronic Solut...
SF-3812SP-T BOURNS-SF-3812SP-T Datasheet
260Kb / 6P
SF-3812SP-T Series – Time Lag SMD Fuses
REV. 04/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com