Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST Datasheet(PDF) 2 Page - Schurter Inc.

Part # FST
Description  Miniature Fuses Type FST 6,332 time-lag T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST Datasheet(HTML) 2 Page - Schurter Inc.

  FST Datasheet HTML 1Page - Schurter Inc. FST Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUSES
FST 6,3
32
Non resettable fuses
www.schurterinc.com
104
Miniature Fuses
Type FST 6,3
32
time-delay
Glass tube
Standards
UL 248-14 (formerly 198.G)
CSA C22.2 No. 248.14 (formerly 59.2 M)
Multiple of rated current I
n
1,1 · In* 1,35 · In
2 · In
min.
max.
min.
max.
0,062 – 15 A
4 h
1 h
5 s
30 s
Rated
current I
n
n · In
Pre-arcing time/current
characteristic (at Ta 23 °C)
* Non fusing current Inf
Order No.
Rated current I
n
Breaking capacity
Voltage drop
Sustained
Pre-arcing
Approvals
Rated voltage U
n
power dissipation
l2t
at I
n
at 1,1 I
n
at 10 · I
n
max.
max.
mV
W
A2s
0034.5204
63
mA / 250 V
7500
1,05
1,21 · 10–1
••
0034.5207
100
mA / 250 V
4500
1,17
2,1 · 10–1
••
0034.5208
125
mA / 250 V
4136
1,22
2,88 · 10–1
••
0034.5209
150
mA / 250 V
3502
1,28
4,4 · 10–1
••
0034.5211
175
mA / 250 V
3150
1,31
5 · 10–1
••
0034.5212
187
mA / 250 V
2850
1,34
5,2 · 10–1
••
0034.5213
200
mA / 250 V
2808
1,35
9,85 · 10–1
••
0034.5214
250
mA / 250 V
2334
1,41
6,4 · 10–1
••
0034.5215
300
mA / 250 V
1950
1,46
1,27
•
•
0034.5217
375
mA / 250 V
1800
1,58
1,38
•
•
0034.5219
500
mA / 250 V
1125
1,8
3,34
•
•
0034.5220
600
mA / 250 V
1081
1,88
4,91
•
•
0034.5223
750
mA / 250 V
931
2,03
9,04
•
•
0034.5224
800
mA / 250 V
876
2,1
10,5
•
•
0034.5225
1
A / 250 V
750
2,21
16,7
•
•
0034.5226
1,2
A / 250 V
729
2,25
18,5
•
•
0034.5227
1,25
A / 250 V
537
2,3
20,8
•
•
0034.5228
1,5
A / 250 V
531
2,33
25
•
•
0034.5229
1,6
A / 250 V
450
2,37
32,5
•
•
0034.5230
1,8
A / 250 V
435
2,4
33,4
•
•
0034.5231
2
A / 250 V
427
2,48
47,1
•
•
0034.5232
2,25
A / 250 V
393
2,52
50,5
•
•
0034.5233
2,5
A / 250 V
359
2,57
108
•
•
0034.5234
2,8
A / 250 V
330
2,61
126
•
•
0034.5235
3
A / 250 V
325
2,66
180
•
•
0034.5237
3,2
A / 250 V
319
2,7
136
•
•
0034.5238
4
A / 250 V
286
2,75
232
•
•
0034.5239
5
A / 250 V
270
2,84
620
•
•
0034.5241
6,25
A / 250 V
180
1,4
•
•
0034.5243
7
A / 250 V
156
1,47
•
•
0034.5244
8
A / 250 V
140
1,53
•
•
0034.5245
10
A / 125 V
91
2,7
538
•
•
0034.5246
12
A / 125 V
90
3,3
765
•
•
0034.5247
15
A / 125 V
90
4,5
1930
•
•
35 A /
250 V AC
p.f. / cos
0,7–0,8
100 A /
250 V AC
p.f. / cos
0,7–0,8
200 A /
250 V AC
p.f. / cos
0,7–0,8
50
75
100
Approvals
UL
CSA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com