Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF125 Datasheet(PDF) 3 Page - Schurter Inc.

Part # MSF125
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSF125 Datasheet(HTML) 3 Page - Schurter Inc.

  MSF125 Datasheet HTML 1Page - Schurter Inc. MSF125 Datasheet HTML 2Page - Schurter Inc. MSF125 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
MSF 125
www.schurter.com/PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.16
125
125
1)
1000
850
100
0.0036
l
l
0034.4241
0.2
125
125
1)
700
680
100
0.0033
l
l
0034.4242
0.25
125
125
1)
700
620
100
0.0055
l
l
0034.4243
0.315
125
125
1)
700
680
200
0.025
l
l
0034.4244
0.4
125
125
1)
400
180
100
0.013
l
l
0034.4245
0.5
125
125
1)
400
180
100
0.02
l
l
0034.4246
0.63
125
125
1)
400
180
100
0.045
l
l
0034.4247
0.71
125
125
1)
400
140
100
0.045
l
l
0034.4248
0.75
125
125
1)
400
170
100
0.02
l
l
0034.4249
0.8
125
125
1)
400
150
100
0.04
l
l
0034.4250
1
125
125
1)
400
150
100
0.07
l
l
0034.4251
1.25
125
125
1)
190
150
200
0.12
l
l
0034.4252
1.6
125
125
1)
190
150
200
0.29
l
l
0034.4253
2
125
125
1)
190
130
200
0.43
l
l
0034.4254
2.5
125
125
1)
190
120
300
0.6
l
l
0034.4255
3.15
125
125
1)
190
120
400
1.1
l
l
0034.4256
4
125
125
1)
190
120
500
1.9
l
l
0034.4257
5
125
125
1)
190
120
600
3
l
l
0034.4258
0.1
125
125
1)
1000
690
100
0.0007
l
l
0034.4539
0.125
125
125
1)
1000
960
100
0.0015
l
l
0034.4540
0.16
125
125
1)
1000
850
100
0.0036
l
l
0034.4541
0.2
125
125
1)
700
680
100
0.0033
l
l
0034.4542
0.25
125
125
1)
700
620
100
0.0055
l
l
0034.4543
0.315
125
125
1)
700
680
200
0.025
l
l
0034.4544
0.4
125
125
1)
400
180
100
0.013
l
l
0034.4545
0.5
125
125
1)
400
180
100
0.02
l
l
0034.4546
0.63
125
125
1)
400
180
100
0.045
l
l
0034.4547
0.71
125
125
1)
400
140
100
0.045
l
l
0034.4548
0.75
125
125
1)
400
170
100
0.02
l
l
0034.4549
0.8
125
125
1)
400
150
100
0.04
l
l
0034.4550
1
125
125
1)
400
150
100
0.07
l
l
0034.4551
1.25
125
125
1)
190
150
200
0.12
l
l
0034.4552
1.6
125
125
1)
190
150
200
0.29
l
l
0034.4553
2
125
125
1)
190
130
200
0.43
l
l
0034.4554
2.5
125
125
1)
190
120
300
0.6
l
l
0034.4555
3.15
125
125
1)
190
120
400
1.1
l
l
0034.4556
4
125
125
1)
190
120
500
1.9
l
l
0034.4557
5
125
125
1)
190
120
600
3
l
l
0034.4558
█ Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 100 A @ 125 VAC/DC
Packaging Unit
S =
Plastic Bag (100 pcs.)
L =
Bulk (100 pcs.)
T =
Taped 36 cm Reel (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com