Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSF125 Datasheet(PDF) 2 Page - Schurter Inc.

Part # MSF125
Description  Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSF125 Datasheet(HTML) 2 Page - Schurter Inc.

  MSF125 Datasheet HTML 1Page - Schurter Inc. MSF125 Datasheet HTML 2Page - Schurter Inc. MSF125 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
MSF 125
www.schurter.com/PG01_2
Fuses
Pre-Arcing Time
Rated Current In
1.5 x In max.
2.0 x In max. 2.75 x In max. 4.0 x In max. 10.0 x In max.
0.1 A - 5 A
10 min
5 s
300 ms
30 ms
4 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.1
125
125
1)
1000
690
100
0.0007
l
l
0034.4209
0.125
125
125
1)
1000
960
100
0.0015
l
l
0034.4210
0.16
125
125
1)
1000
850
100
0.0036
l
l
0034.4211
0.2
125
125
1)
700
680
100
0.0033
l
l
0034.4212
0.25
125
125
1)
700
620
100
0.0055
l
l
0034.4213
0.315
125
125
1)
700
680
200
0.025
l
l
0034.4214
0.4
125
125
1)
400
180
100
0.013
l
l
0034.4215
0.5
125
125
1)
400
180
100
0.02
l
l
0034.4216
█
0.63
125
125
1)
400
180
100
0.045
l
l
0034.4217
0.71
125
125
1)
400
140
100
0.045
l
l
0034.4218
0.75
125
125
1)
400
170
100
0.02
l
l
0034.4219
0.8
125
125
1)
400
150
100
0.04
l
l
0034.4220
1
125
125
1)
400
150
100
0.07
l
l
0034.4221
█
1.25
125
125
1)
190
150
200
0.12
l
l
0034.4222
1.6
125
125
1)
190
150
200
0.29
l
l
0034.4223
2
125
125
1)
190
130
200
0.43
l
l
0034.4224
█
2.5
125
125
1)
190
120
300
0.6
l
l
0034.4225
3.15
125
125
1)
190
120
400
1.1
l
l
0034.4226
4
125
125
1)
190
120
500
1.9
l
l
0034.4227
5
125
125
1)
190
120
600
3
l
l
0034.4228
0.1
125
125
1)
1000
690
100
0.0007
l
l
0034.4239
0.125
125
125
1)
1000
960
100
0.0015
l
l
0034.4240



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com