Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHT2431C02 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZHT2431C02
Description  HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT2431C02 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZHT2431C02 Datasheet HTML 1Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 2Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 3Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 4Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 5Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZHT2431
R2
Vout = 1 + R1
R2
Vref
SERIESREGULATOR
V+
Vout
R1
30
0.01µF
Vref
Vout = 1 + R1
R2
Vref
Vout
= Vref + Vreg
MIN
OUTPUT CONTROL OF A
THREETERMINAL FIXEDREGULATOR
R2
R1
V+
Vout
Vref
ZSR***
In
Out
Common
R2
R1
V+
Vout
Vout =
Vref
1 + R1
R2
Vref
HIGHERCURRENT SHUNT REGULATOR
V+
OUTPUT
INPUT
V = 2.5V
TH
V
2V
on
V = V+
off
SINGLE SUPPLY COMPARATOR
WITHTEMPERATURE
COMPENSATEDTHRESHOLD
R2A
R1A
V+
Vref
R2B
R1B
Vref
1+ R1B
R2B
Vref
OVERVOLTAGE/ UNDERVOLTAGE
PROTECTIONCIRCUIT
Low limit =
High limit = 1+ R1A
R2A
Vref
R2
R1
Vout =
Vref
1 + R1
R2
Vref
SHUNT REGULATOR
V+
Vout
OUTPUT
APPLICATION CIRCUITS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com