Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHT2431C02 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZHT2431C02
Description  HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHT2431C02 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZHT2431C02 Datasheet HTML 1Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 2Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 3Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 4Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 5Page - Zetex Semiconductors ZHT2431C02 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZHT2431
Input
V
V
I
Z
Z
ref
IL
Iref
1µF
Fig 1 – Test Circuit for Vz=Vref
Input
V
V
I
Z
Z
ref
Iref
R1
R2
IL
1µF
Fig 2 – Test Circuit for Vz>Vref
Input
V
I
Z
zoff
1µF
Fig 3 – Test Circuit for Off
State current
Voltage Regulator Connection Diagrams
SOT23 Package Suffix – F
Top View
TO92 Package Suffix – C
Bottom View
Part Number Package
Part Mark
ZHT2431F02 SOT23
24F
ZHT2431C02 TO92
ZHT243102
DC Test Circuits
Ordering Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com