Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWZ1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # SWZ1
Description  Voltage selector switch, 6 stages, serie-parallel, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWZ1 Datasheet(HTML) 1 Page - Schurter Inc.

  SWZ1 Datasheet HTML 1Page - Schurter Inc. SWZ1 Datasheet HTML 2Page - Schurter Inc. SWZ1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Voltage Selector
SWZ1 (Frontpl)
www.schurter.com/PG04
Fuses
Voltage selector switch, 6 stages, serie-parallel, panel mounting
Description
- Voltage Selector, 6 stages
- Series-parallel connections
- Solder terminals
Standards
- IEC 61058-2-5
- UL 508
- CSA C22.2 no. 55
References
Alternative: version for PCB mounting SWZ2 (Print)
Technical Data
Ratings
IEC: 6.3 A / 250 VAC; 50 Hz
␣
UL: 10 A / 250 VAC; 60 Hz
␣
CSA: 6.3 A / 250 VAC; 60 Hz
Mounting
Panel Mount from front side
Fastening
Screw-on mounting
Terminal
Solder
Number of Stages
6
Lifetime
300 operating cycles (without load)
Degree of Protection
IP 40
Protection Class
Suitable for appliances with protection
class II acc. to IEC 61140
Allowable Operation Temp.
-40 °C to 85 °C
Climatic Category
25/85/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Weight
12.4 g
Solderability
350 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Insulation Resistance
> 10'000M
Ω (500VDC; 1min)
Contact Resistance
< 10 m
Ω at 20 mV
Dielectric Strength
> 2kVAC between L-N
> 4kVAC between L/N-PE
(1min; 50Hz)
Clearance and Creepage Di-
stance
> 3mm
> 8mm between L/N-PE
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Panel Thickness s
max 4 mm


Similar Part No. - SWZ1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1 Datasheet
246Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
04.01.2022
SWZ1 SCHURTER-SWZ1_V01 Datasheet
246Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
04.01.2022
More results

Similar Description - SWZ1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRM2 SCHURTER-GRM2 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Line Switch, Fuseholder 1- or 2-pole, Voltage Selector (series-parallel), "Lock and Shield" Mounting,
SWA1 SCHURTER-SWA1 Datasheet
232Kb / 3P
Voltage selector switch, 2 stages, serie-parallel, panel mounting
SWA2 SCHURTER-SWA2 Datasheet
230Kb / 3P
Voltage selector switch, 2 stages, series-parallel, PCB mounting
SWM1 SCHURTER-SWM1 Datasheet
301Kb / 3P
Voltage selector switch, 3 stages, step switch, panel mounting
SWM2 SCHURTER-SWM2 Datasheet
232Kb / 3P
Voltage selector switch, 3 stages, step switch, PCB mounting
SWP SCHURTER-SWP Datasheet
237Kb / 3P
Voltage selector switch, 6 stages, step switch, panel mounting
SWZ2 SCHURTER-SWZ2 Datasheet
229Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, PCB mounting
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
logo
Schurter Inc.
SWZ1 SCHURTER-SWZ1_V01 Datasheet
246Kb / 3P
Voltage selector switch, 6 stages, serie-parallel, panel mounting
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com