Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWZ1 Datasheet(PDF) 2 Page - Schurter Inc.

Part # SWZ1
Description  Voltage selector switch, 6 stages, serie-parallel, panel mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SWZ1 Datasheet(HTML) 2 Page - Schurter Inc.

  SWZ1 Datasheet HTML 1Page - Schurter Inc. SWZ1 Datasheet HTML 2Page - Schurter Inc. SWZ1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Voltage Selector
SWZ1 (Frontpl)
www.schurter.com/PG04
Fuses
Dimension
47 mm
2.8x0.5
ø 29.5
120 240
200
38
47
Panel mounting hole
3.6
38
±0.2
30
Diagrams
Reverse view
110V
20V
20V
110V
2
3
4
4
5
6
7
2
3
41
1
A)
B)
A) Power mains
B) External connection
All Variants
Letterings
Order Number
Stage 1
Stage 2
Stage 3
Stage 4
Stage 5
Stage 6
150
220
130
260
110
240
0033.3501
␣
220
120
240
110
␣
0033.3502
␣
115
230
␣
␣
␣
0033.3503
130
220
120
240
110
230
0033.3504
140
200
120
240
100
220
0033.3505
127
200
115
240
100
220
0033.3510
␣
␣
␣
␣
␣
␣
0033.3514
␣
220
130
␣
110
240
0033.3518
␣
␣
110
220
␣
␣
0033.3522
0
220
120
0
100
230/240
0033.3527
█
100
240
␣
220
120
␣
0033.3530



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com