Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX72013 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX72013
Description  FSK/ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX72013 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX72013 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MLX72013
433MHz
FSK/ASK Transmitter
3901072013
Page 13 of 21
Data Sheet
Rev. 007
Oct/14
9.
Operating Characteristics vs Temperature
9.1 General
The following curves are based on the application circuit of Fig. 12.
9.2 DC Characteristics
Fig. 6:
Supply current in power step 0
power step 0
2,0
2,2
2,4
2,6
2,8
3,0
3,2
3,4
3,6
3,8
4,0
1,50
2,00
2,50
3,00
3,50
4,00
4,50
5,00
5,50
VCC [V]
125°C
70°C
27°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com