Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX72013 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX72013
Description  FSK/ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX72013 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX72013 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX72013 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MLX72013
433MHz
FSK/ASK Transmitter
3901072013
Page 2 of 21
Data Sheet
Rev. 007
Oct/14
5.
General Description
The MLX72013 transmitter IC is designed for applications in the European 433 MHz industrial-scientific-
medical (ISM) band, according to the EN 300 220 telecommunications standard; but it can also be used in
any other country with similar frequency bands.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The
integrated PLL synthesizer ensures that each RF value, ranging from 425 MHz to 445 MHz, can be achieved
by using a crystal with a reference frequency according to: fref = fc/N, where N = 16 is the PLL feedback
divider ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com