Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521 Datasheet(PDF) 4 Page - Micross Components

Part # HMC521
Description  Point-to-Point and Point-to-Multi-Point Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC521 Datasheet(HTML) 4 Page - Micross Components

  HMC521 Datasheet HTML 1Page - Micross Components HMC521 Datasheet HTML 2Page - Micross Components HMC521 Datasheet HTML 3Page - Micross Components HMC521 Datasheet HTML 4Page - Micross Components HMC521 Datasheet HTML 5Page - Micross Components HMC521 Datasheet HTML 6Page - Micross Components HMC521 Datasheet HTML 7Page - Micross Components HMC521 Datasheet HTML 8Page - Micross Components HMC521 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
3 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC521
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz
v01.1007
General Description
Features
Typical Applications
The HMC521 is a compact I/Q MMIC mixer which can
be used as either an Image Reject Mixer or a Single
Sideband Upconverter. The chip utilizes two standard
Hittite double balanced mixer cells and a 90 degree
hybrid fabricated in a GaAs MESFET process. All
data shown below is taken with the chip mounted in
a 50 Ohm test fixture and includes the effects of 1 mil
diameter x 20 mil length bond wires on each port. A
low frequency quadrature hybrid was used to produce
a 100 MHz USB IF output. This product is a much
smaller alternative to hybrid style Image Reject Mixers
and Single Sideband Upconverter assemblies.
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +15 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
8.5 - 13.5
10.5 - 11.7
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Loss (As IRM)
8
10
7.5
9.5
dB
Image Rejection
20
30
30
40
dB
1 dB Compression (Input)
+14
+15
dBm
LO to RF Isolation
35
45
40
50
dB
LO to IF Isolation
17
22
18
23
dB
IP3 (Input)
+23
+24
dBm
Amplitude Balance
0.3
0.1
dB
Phase Balance
4
4
Deg
* Unless otherwise noted, all measurements performed as downconverter.
Functional Diagram
The HMC521 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar
Wide IF Bandwidth: DC - 3.5 GHz
Image Rejection: 40 dB
LO to RF Isolation: 45 dB
High Input IP3: +24 dBm
Die Size: 1.49 x 1.14 x 0.1 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com