Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521 Datasheet(PDF) 8 Page - Micross Components

Part # HMC521
Description  Point-to-Point and Point-to-Multi-Point Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC521 Datasheet(HTML) 8 Page - Micross Components

  HMC521 Datasheet HTML 1Page - Micross Components HMC521 Datasheet HTML 2Page - Micross Components HMC521 Datasheet HTML 3Page - Micross Components HMC521 Datasheet HTML 4Page - Micross Components HMC521 Datasheet HTML 5Page - Micross Components HMC521 Datasheet HTML 6Page - Micross Components HMC521 Datasheet HTML 7Page - Micross Components HMC521 Datasheet HTML 8Page - Micross Components HMC521 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3
3 - 74
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RF
This pad is AC coupled and matched to
50 Ohms.
4LO
This pad is AC coupled and matched to
50 Ohms.
2 (5)
IF2
This pad is DC coupled. For applications not requir-
ing operation to DC, this port should be DC blocked
externally using a series capacitor whose value has
been chosen to pass the necessary IF frequency
range. For operation to DC, this pad must not source/
sink more than 3mA of current or die non-function
and possible die failure will result. Pads 5 and 6 are
alternate IF ports.
3 (6)
IF1
GND
The backside of the die must be connected
to RF/DC ground.
Pad Descriptions
Assembly Diagrams
HMC521
v01.1007
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com