Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554 Datasheet(PDF) 4 Page - Micross Components

Part # HMC554
Description  Microwave Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC554 Datasheet(HTML) 4 Page - Micross Components

  HMC554 Datasheet HTML 1Page - Micross Components HMC554 Datasheet HTML 2Page - Micross Components HMC554 Datasheet HTML 3Page - Micross Components HMC554 Datasheet HTML 4Page - Micross Components HMC554 Datasheet HTML 5Page - Micross Components HMC554 Datasheet HTML 6Page - Micross Components HMC554 Datasheet HTML 7Page - Micross Components HMC554 Datasheet HTML 8Page - Micross Components HMC554 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
4 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC554
GaAs MMIC FUNDAMENTAL
MIXER, 11 - 20 GHz
v02.1007
General Description
Features
Functional Diagram
High LO to RF Isolation: 46 dB
Passive Double Balanced Topology
Low Conversion Loss: 7 dB
Wide IF Bandwidth: DC - 6 GHz
Robust 1,000V ESD, Class 1C
Small Size: 0.83 x 1.12 x 0.1 mm
Typical Applications
The HMC554 is ideal for:
• Microwave Radio
• VSAT
• Military & Space
• Communications, Radar & EW
The HMC554 is a passive double balanced mixer
that can be used as an upconverter or downconverter
between 11 and 20 GHz. The miniature monolithic
mixer is fabricated in a GaAs MESFET process, and
requires no external components or matching circu-
itry. The HMC554 provides excellent LO to RF and
LO to IF isolation due to optimized balun structures.
Measurements were made with the chip mounted
into in a 50 ohm test fixture and includes the para-
sitic effects of wire bond assembly. Connections were
made with a 1 mil wire bond with minimal length (<12
mil).
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO= +13 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
12 - 16
11 - 20
GHz
Frequency Range, IF
DC - 6
DC - 6
GHz
Conversion Loss
7
9
8
10
dB
Noise Figure (SSB)
7
9
8
10
dB
LO to RF Isolation
40
46
38
44
dB
LO to IF Isolation
32
38
30
40
dB
RF to IF Isolation
16
25
15
25
dB
IP3 (Input)
18
18
dBm
IP2 (Input)
48
45
dBm
1 dB Gain Compression (Input)
11
11
dBm
*Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com