Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554 Datasheet(PDF) 1 Page - Micross Components

Part # HMC554
Description  Microwave Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC554 Datasheet(HTML) 1 Page - Micross Components

  HMC554 Datasheet HTML 1Page - Micross Components HMC554 Datasheet HTML 2Page - Micross Components HMC554 Datasheet HTML 3Page - Micross Components HMC554 Datasheet HTML 4Page - Micross Components HMC554 Datasheet HTML 5Page - Micross Components HMC554 Datasheet HTML 6Page - Micross Components HMC554 Datasheet HTML 7Page - Micross Components HMC554 Datasheet HTML 8Page - Micross Components HMC554 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Assistance
Assembly Assistance
Die handling consultancy
Hi-Rel die qualification
Hot & Cold die probing
Electrical test & trimming
Customised Pack Sizes / Qtys
Support for all industry recognised
100% Visual Inspection
Contact
baredie@micross.com
For price, delivery and to place orders
HMC554
supply formats:
o
Waffle Pack
o
Gel Pak
o
Tape & Reel
Onsite storage, stockholding &
scheduling
On-site failure analysis
Bespoke 24 Hour monitored
storage systems for secure long
term product support
o
MIL-STD 883 Condition A
o
MIL-STD 883 Condition A
On-site failure analysis
www.analog.com
www.micross.com


Similar Part No. - HMC554

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC554 HITTITE-HMC554 Datasheet
287Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554 HITTITE-HMC554 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
logo
Analog Devices
HMC554A AD-HMC554A Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC554A-SX AD-HMC554A-SX Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
More results

Similar Description - HMC554

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
Microwave Radio
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
Microwave Radio
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
Microwave Radio
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
42 GHz Microwave Radio
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
Microwave Radio
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com