Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC565 Datasheet(PDF) 4 Page - Micross Components

Part # HMC565
Description  Point-to-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC565 Datasheet(HTML) 4 Page - Micross Components

  HMC565 Datasheet HTML 1Page - Micross Components HMC565 Datasheet HTML 2Page - Micross Components HMC565 Datasheet HTML 3Page - Micross Components HMC565 Datasheet HTML 4Page - Micross Components HMC565 Datasheet HTML 5Page - Micross Components HMC565 Datasheet HTML 6Page - Micross Components HMC565 Datasheet HTML 7Page - Micross Components HMC565 Datasheet HTML 8Page - Micross Components HMC565 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1
1 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC565
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 6 - 20 GHz
v02.0209
General Description
Features
Functional Diagram
The HMC565 is a high dynamic range GaAs PHEMT
MMIC Low Noise Amplifier (LNA) chip which operates
from 6 to 20 GHz. The HMC565 features 22 dB of small
signal gain, 2.3 dB of noise figure and has a consistent
IP3 of 20 dBm across the operating band. This self-
biased LNA is ideal for hybrid and MCM assemblies
due to its compact size, wideband performance, single
+3V supply operation, and DC blocked RF I/O’s. All
data is measured with the chip in a 50 Ohm test
fixture connected via two 0.025 mm (1 mil) diameter
bondwires of minimal length 0.31 mm (12 mil).
Noise Figure: 2.3 dB
Gain: 22 dB
OIP3: 20 dBm
Single Supply: +3V @ 53 mA
50 Ohm Matched Input/Output
Small size: 2.53 x 0.98 x 0.10 mm
Electrical Specifications, T
A = +25° C, Vdd 1, 2, 3 = +3V
Typical Applications
The HMC565 is ideal for use as a LNA or driver ampli-
fier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment and Sensors
• Military & Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
6 - 12
12 - 20
GHz
Gain
20
23
17
21
dB
Gain Variation Over Temperature
0.025
0.035
0.025
0.035
dB/ °C
Noise Figure
2.3
2.8
2.5
3.0
dB
Input Return Loss
15
12
dB
Output Return Loss
15
10
dB
Output Power for 1 dB Compression (P1dB)
7
10
7
10
dBm
Saturated Output Power (Psat)
12
12
dBm
Output Third Order Intercept (IP3)
17
20
17
20
dBm
Supply Current (Idd)(Vdd = +3V)
53
53
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com