Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC565 Datasheet(PDF) 8 Page - Micross Components

Part # HMC565
Description  Point-to-Point Radios
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC565 Datasheet(HTML) 8 Page - Micross Components

  HMC565 Datasheet HTML 1Page - Micross Components HMC565 Datasheet HTML 2Page - Micross Components HMC565 Datasheet HTML 3Page - Micross Components HMC565 Datasheet HTML 4Page - Micross Components HMC565 Datasheet HTML 5Page - Micross Components HMC565 Datasheet HTML 6Page - Micross Components HMC565 Datasheet HTML 7Page - Micross Components HMC565 Datasheet HTML 8Page - Micross Components HMC565 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1
1 - 88
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1IN
This pad is AC coupled and matched to
50 Ohms from 6 - 20 GHz.
2, 3, 4
Vdd1, 2, 3
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
5OUT
This pad is AC coupled and matched to
50 Ohms from 6 - 20 GHz.
Die Bottom
GND
Die Bottom must be connected to RF/DC ground.
Assembly Diagram
v02.0209
HMC565
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 6 - 20 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com