Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM333 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM333
Description  3-Ampere Adjustable Negative Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM333 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM333 Datasheet HTML 1Page - National Semiconductor (TI) LM333 Datasheet HTML 2Page - National Semiconductor (TI) LM333 Datasheet HTML 3Page - National Semiconductor (TI) LM333 Datasheet HTML 4Page - National Semiconductor (TI) LM333 Datasheet HTML 5Page - National Semiconductor (TI) LM333 Datasheet HTML 6Page - National Semiconductor (TI) LM333 Datasheet HTML 7Page - National Semiconductor (TI) LM333 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Applications (Continued)
THERMAL REGULATION
When power is dissipated in an IC, a temperature gradient
occurs across the IC chip affecting the individual IC circuit
components. With an IC regulator, this gradient can be es-
pecially severe since the power dissipation is large. Thermal
regulation is the effect of these temperature gradients on
output voltage (in percentage output change) per watt of
power change in a specified time. Thermal regulation error is
independent of electrical regulation or temperature coeffi-
cient, and occurs within 5 ms to 50ms after a change in
power dissipation. Thermal regulation depends on IC layout
as well as electrical design. The thermal regulation of a
voltage regulator is defined as the percentage change of
V
OUT, per watt, within the first 10 ms after a step of power is
applied. The LM333’s specification is 0.01%/W, max.
In
Figure 1, a typical LM333’s output drifts only 2mV (or
0.02% of V
OUT = −10V) when a 20W pulse is applied for 10
ms. This performance is thus well inside the specification
limit of 0.01%/Wx20W = 0.2% max. When the 20W pulse is
ended, the thermal regulation again showsa2mV step as
the LM333 chip cools off. Note that the load regulation error
of about 1 mV (0.01%) is additional to the thermal regulation
error. In
Figure 2, when the 20W pulse is applied for 100 ms,
the output drifts only slightly beyond the drift in the first
10ms, and the thermal error stays well within 0.1% (10mV).
Adjustable Lab Voltage Regulator
DS009065-12
*The 10 µF capacitors are optional to improve ripple rejection.
Adjustable Current Regulator
DS009065-13
*0.5
Ω≤ R1 ≤ 24Ω
DS009065-14
FIGURE 1.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com