Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM333 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM333
Description  3-Ampere Adjustable Negative Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM333 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM333 Datasheet HTML 1Page - National Semiconductor (TI) LM333 Datasheet HTML 2Page - National Semiconductor (TI) LM333 Datasheet HTML 3Page - National Semiconductor (TI) LM333 Datasheet HTML 4Page - National Semiconductor (TI) LM333 Datasheet HTML 5Page - National Semiconductor (TI) LM333 Datasheet HTML 6Page - National Semiconductor (TI) LM333 Datasheet HTML 7Page - National Semiconductor (TI) LM333 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM333
3-Ampere Adjustable Negative Regulator
General Description
The LM333 is an adjustable 3-terminal negative voltage
regulator capable of supplying in excess of −3.0A over an
output voltage range of −1.2V to −32V. This regulator is
exceptionally easy to apply, requiring only 2 external resis-
tors to set the output voltage and 1 output capacitor for
frequency compensation. The circuit design has been opti-
mized for excellent regulation and low thermal transients.
Further, the LM333 features internal current limiting, thermal
shutdown and safe-area compensation, making them sub-
stantially immune to failure from overloads.
The LM333 serves a wide variety of applications including
local on-card regulation, programmable-output voltage regu-
lation or precision current regulation. The LM333 is an ideal
complement to the LM150/LM350 adjustable positive regu-
lators.
Features
n
Output voltage adjustable from −1.2V to −32V
n
3.0A output current guaranteed, −55˚C to +150˚C
n
Line regulation typically 0.01%/V
n
Load regulation typically 0.2%
n
Excellent rejection of thermal transients
n
50 ppm/˚C temperature coefficient
n
Temperature-independent current limit
n
Internal thermal overload protection
n
Standard 3-lead transistor package
n
Output is short circuit protected
Connection Diagram
Typical Application
TO-3
Metal Can Package
DS009065-1
Bottom View
Steel TO-3 Metal Can Package (K STEEL)
Order Number LM333K STEEL
See NS Package Number K02A
−5.2V Regulator with Electronic Shutdown
DS009065-6
December 2000
© 2000 National Semiconductor Corporation
DS009065
www.national.com


Similar Part No. - LM333

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM333-155.52M CONNOR-WINFIELD-LM333-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM333K NSC-LM333K Datasheet
268Kb / 10P
3-Ampere Adjustable Negative Regulators
LM333T NSC-LM333T Datasheet
268Kb / 10P
3-Ampere Adjustable Negative Regulators
More results

Similar Description - LM333

ManufacturerPart #DatasheetDescription
logo
NEC
UPC337 NEC-UPC337 Datasheet
72Kb / 8P
3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM133 NSC-LM133 Datasheet
268Kb / 10P
3-Ampere Adjustable Negative Regulators
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337 Datasheet
36Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
Negative Adjustable Regulator
LT137A LINER-LT137A_1 Datasheet
167Kb / 12P
Negative Adjustable Regulator
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
3-Terminal 1.5A Negative Adjustable Regulator
logo
Linear Technology
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com