Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVR
Description  HVR SERIES BI-DIRECTIONAL HIGH VOLTAGE DIODES FOR MICROWAVE OVENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVR Datasheet(HTML) 1 Page - Leshan Radio Company

  HVR Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
15C–1/1
HVR
HVR SERIES BI-DIRECTIONAL HIGH VOLTAGE DIODES FOR MICROWAVE OVENS
HVR SERIES
Description
Symbols
Conditions
HVR-2X0620A
HVR-2X062H0A
HVR-2X062H0A(M)
HVR-2X062H1A(ML)
“0”A
“1”A
“M”
“ML”
“ 0 ”no terminal, “ 1 ” with terminal; “ M ” or “ ML ”means products used in micro wave oven only.
HVR-2X
(HVE-2X Series)(T A= 25°C)
Peak Reverse Voltage
D 1
I RM = 10
µA
6.0
Reverse Breakbown Voltage
Reverse Leakage Current
V
RM (KV)
D 2
I RM = 10
µA
D 1
I
RM= 100 µA
V
B (KV)
D 2
I
RM= 100 µA
V
R = VRM
I
RM(µA)
1.3
1.5
1.7
1.7
7.0min.
1.5 - 2.1
1.8 - 2.4
2.1 - 2.8
2.1 - 2.8
10
(ABSOLUTE MAXIMUM RAT1NGS):
Description
Storage Temperature
Junction Temperature
High Temperature
Reverse Leakage Current
T
STG
D1
D2
µA
-40 – +30
Symbols
(Ratings)
Units
Conditions
T
J
I
R
130
100
°C
°C
T
A=125°C
.52(1.3)
.48(1.2)
.287(7.3)
.264(6.7)
.827(21.0)
.787(20.0)
.3.346 (90.0MAX)
.2.953 (75.0)
.1.260(34.5MAX)
.1.083(27.5)
Outline dimensions


Similar Part No. - HVR

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HVR SEI-HVR Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
logo
TE Connectivity Ltd
HVR TEC-HVR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Cooper Bussmann, Inc.
HVR-1 COOPER-HVR-1 Datasheet
48Kb / 2P
Buss High Voltage Fuses
logo
List of Unclassifed Man...
HVR-1X-01A ETC1-HVR-1X-01A Datasheet
166Kb / 3P
FOR TV / MICROWAVE OVEN
logo
Sanken electric
HVR-1X-01A SANKEN-HVR-1X-01A Datasheet
340Kb / 3P
TV/Microwave Oven
More results

Similar Description - HVR

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DB-4 LRC-DB-4 Datasheet
48Kb / 4P
Bi-directional trigger diodes
logo
Rohm
RSB27F2 ROHM-RSB27F2 Datasheet
84Kb / 2P
Bi-Directional Zener Diodes
RSB16V ROHM-RSB16V Datasheet
84Kb / 2P
Bi-Directional Zener Diodes
RSB5.6S ROHM-RSB5.6S Datasheet
89Kb / 2P
Bi-Directional Zener Diodes
RSB6.8F2 ROHM-RSB6.8F2 Datasheet
109Kb / 2P
Bi-Directional Zener Diodes
RSB16VA ROHM-RSB16VA Datasheet
108Kb / 2P
Bi-Directional Zener Diodes
RSB18F2 ROHM-RSB18F2 Datasheet
89Kb / 2P
Bi-Directional Zener Diodes
RSB27VTE-17 ROHM-RSB27VTE-17 Datasheet
69Kb / 2P
Bi-Directional Zener Diodes
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
logo
Rohm
RSB16VFH ROHM-RSB16VFH Datasheet
1Mb / 5P
Bi-Directional Zener Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com